Moteur de recherche de fiches techniques de composants électroniques |
|
BZX79C39 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
BZX79C39 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page Pb RoHS COMPLIANCE RoHS COMPLIANCE BZX79C2V0 – BZX79C75 500 mW Hermetically Sealed Glass Zener Voltage Regulators DO-35 Features Zener voltage range 2.0 to 75 volts DO-35 package (JEDEC) Through-hole device type mounting Hermetically sealed glass Compression bonded construction All external surfaces are corrosion resistant and leads are readily solderable RoHS compliant Solder hot(dip Tin(Sn) lead finish Cathode indicated by polarity band Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 oC ambient temperature unless otherwise specified. Type Number Symbol Value Units Power Dissipation Pd 500 mW Maximum Forward Voltage @ IF=100mA VF 1.5 V Storage Temperature Range TSTG -65 to + 200 OC Operating Junction Temperature TJ + 200 OC These rating are limiting values above which the serviceability of the diode may be impaired. Version: A07 Preliminary |
Numéro de pièce similaire - BZX79C39 |
|
Description similaire - BZX79C39 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |