Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ACT2228DWR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ACT2228DWR
Description  DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT2228DWR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74ACT2228DWR Datasheet HTML 5Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 6Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 7Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 8Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 9Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 10Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 11Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 12Page - Texas Instruments SN74ACT2228DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SN74ACT2226, SN74ACT2228
DUAL 64
× 1, DUAL 256 × 1
CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SCAS219C – JUNE 1992 – REVISED OCTOBER 1997
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figures 1 through 3)
MIN
MAX
UNIT
fclock
Clock frequency
22
MHz
t
Pulse duration
1WRTCLK, 2WRTCLK high or low
15
ns
tw
Pulse duration
1RDCLK, 2RDCLK high or low
15
ns
1D before 1WRTCLK
↑ and 2D before 2WRTCLK↑
6
1WRTEN before 1WRTCLK
↑ and 2WRTEN before 2WRTCLK↑
6
tsu
Setup time
1RDEN before 1RDCLK
↑ and 2RDEN before 2RDCLK↑
6
ns
1RESET low before 1WRTCLK
↑ and 2RESET low before 2WRTCLK↑†
6
1RESET low before 1RDCLK
↑ and 2RESET low before 2RDCLK↑†
6
1D after 1WRTCLK
↑ and 2D after 2WRTCLK↑
0
1WRTEN after 1WRTCLK
↑ and 2WRTEN after 2WRTCLK↑
0
th
Hold time
1RDEN after 1RDCLK
↑ and 2RDEN after 2RDCLK↑
0
ns
1RESET low after 1WRTCLK
↑ and 2RESET low after 2WRTCLK↑†
6
1RESET low after 1RDCLK
↑ and 2RESET low after 2RDCLK↑†
6
† Requirement to count the clock edge as one of at least four needed to reset a FIFO
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
UNIT
fmax
1WRTCLK, 2WRTCLK,
or 1RDCLK, 2RDCLK
22
MHz
1RDCLK
↑, 2RDCLK↑
1Q, 2Q
2
20
1WRTCLK
↑, 2WRTCLK↑
1IR, 2IR
1
20
tpd
1RDCLK
↑, 2RDCLK↑
1OR, 2OR
1
20
ns
1WRTCLK
↑, 2WRTCLK↑
1AF/AE 2AF/AE
3
20
1RDCLK
↑, 2RDCLK↑
1AF/AE, 2AF/AE
3
20
tPLH
1WRTCLK
↑, 2WRTCLK↑
1HF 2HF
2
20
ns
tPHL
1RDCLK
↑, 2RDCLK↑
1HF, 2HF
3
20
ns
tPLH
1RESET 2RESET low
1AF/AE, 2AF/AE
1
20
ns
tPHL
1RESET, 2RESET low
1HF, 2HF
1
20
ns


Numéro de pièce similaire - SN74ACT2228DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT2228DW TI-SN74ACT2228DW Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
More results

Description similaire - SN74ACT2228DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT2226 TI-SN74ACT2226 Datasheet
173Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 CLOCKED FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI1-SN74ACT2227_15 Datasheet
786Kb / 18P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2227 TI-SN74ACT2227 Datasheet
174Kb / 13P
[Old version datasheet]   DUAL 64 횞 1, DUAL 256 횞 1 FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7805 TI-SN74ACT7805 Datasheet
193Kb / 14P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7805 TI-SN74ACT7805_06 Datasheet
230Kb / 16P
[Old version datasheet]   256 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813 Datasheet
194Kb / 14P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT7813 TI-SN74ACT7813_06 Datasheet
231Kb / 16P
[Old version datasheet]   64 횞 18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI-SN74ABT3611 Datasheet
368Kb / 26P
[Old version datasheet]   64 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3622 TI1-SN74ACT3622_08 Datasheet
513Kb / 31P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com