Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP64LX Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BAP64LX
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64LX Fiches technique(HTML) 3 Page - NXP Semiconductors

  BAP64LX Datasheet HTML 1Page - NXP Semiconductors BAP64LX Datasheet HTML 2Page - NXP Semiconductors BAP64LX Datasheet HTML 3Page - NXP Semiconductors BAP64LX Datasheet HTML 4Page - NXP Semiconductors BAP64LX Datasheet HTML 5Page - NXP Semiconductors BAP64LX Datasheet HTML 6Page - NXP Semiconductors BAP64LX Datasheet HTML 7Page - NXP Semiconductors BAP64LX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BAP64LX_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 29 June 2007
3 of 8
NXP Semiconductors
BAP64LX
Silicon PIN diode
Lins
insertion loss
see Figure 4;IF = 0.5 mA;
f = 900 MHz
-
1.22
-
dB
f = 1800 MHz
-
1.21
-
dB
f = 2450 MHz
-
1.22
-
dB
Lins
insertion loss
see Figure 4;IF = 1 mA;
f = 900 MHz
-
0.22
-
dB
f = 1800 MHz
-
0.23
-
dB
f = 2450 MHz
-
0.24
-
dB
Lins
insertion loss
see Figure 4;IF =10mA;
f = 900 MHz
-
0.12
-
dB
f = 1800 MHz
-
0.14
-
dB
f = 2450 MHz
-
0.15
-
dB
Lins
insertion loss
see Figure 4;IF = 100 mA;
f = 900 MHz
-
0.09
-
dB
f = 1800 MHz
-
0.10
-
dB
f = 2450 MHz
-
0.11
-
dB
τL
charge carrier life time
when switched from IF = 10 mA to
IR = 6 mA; RL = 100 Ω; measured at
IR =3mA
-
1.0
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.4
-
nH
Table 6.
Characteristics …continued
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f = 1 MHz; Tj =25 °C.
f = 100 MHz; Tj =25 °C.
Fig 1.
Diode capacitance as a function of reverse
voltage; typical values
Fig 2.
Forward resistance as a function of forward
current; typical values
001aag637
VR (V)
020
16
812
4
200
300
100
400
500
Cd
(fF)
0
001aag638
IF (mA)
10−1
102
10
1
10
1
102
rD
(
Ω)
10−1


Numéro de pièce similaire - BAP64LX

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP64LX NXP-BAP64LX Datasheet
61Kb / 8P
   Silicon PIN diode
Rev. 01-29 June 2007
BAP64LX NXP-BAP64LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP64LX PHILIPS-BAP64LX Datasheet
139Kb / 9P
   Silicon PIN diode
Rev. 5-12 May 2015
BAP64LX PHILIPS-BAP64LX_15 Datasheet
139Kb / 9P
   Silicon PIN diode
Rev. 5-12 May 2015
More results

Description similaire - BAP64LX

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com