Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT125 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74ACT125
Description  Quad Buffer with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT125 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74ACT125 Datasheet HTML 1Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 2Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 3Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 4Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 5Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 6Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 7Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 8Page - Fairchild Semiconductor 74ACT125 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC125, 74ACT125 Rev. 1.4.1
5
AC Electrical Characteristics for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
8. Voltage Range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.5
7.0
1.0
7.5
tPHL
Propagation Delay,
Data to Output
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.0
7.0
1.0
7.5
tPZH
Output Enable Time
3.3
1.0
6.0
10.5
1.0
11.0
ns
5.0
1.0
5.0
7.0
1.0
8.0
tPZL
Output Enable Time
3.3
1.0
7.5
10.0
1.0
11.0
ns
5.0
1.0
5.5
8.0
1.0
8.5
tPHZ
Output Disable Time
3.3
1.0
7.5
10.0
1.0
10.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
tPLZ
Output Disable Time
3.3
1.0
7.5
10.5
1.0
11.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
5.0
1.0
6.5
9.0
1.0
10.0
ns
tPHL
Propagation Delay,
Data to Output
5.0
1.0
7.0
9.0
1.0
10.0
ns
tPZH
Output Enable Time
5.0
1.0
6.0
8.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPHZ
Output Disable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPLZ
Output Disable Time
5.0
1.0
7.5
10.0
1.0
10.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
45.0
pF


Numéro de pièce similaire - 74ACT125

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
75Kb / 8P
   QUAD BUS BUFFERS 3-STATE
May 1997
logo
Fairchild Semiconductor
74ACT125 FAIRCHILD-74ACT125 Datasheet
90Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
STMicroelectronics
74ACT125 STMICROELECTRONICS-74ACT125 Datasheet
178Kb / 9P
   QUAD BUS BUFFERS (3-STATE)
July 2001
logo
National Semiconductor ...
74ACT125 NSC-74ACT125 Datasheet
162Kb / 8P
   Quad Buffer with TRI-STATE Outputs
logo
ON Semiconductor
74ACT125 ONSEMI-74ACT125 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
More results

Description similaire - 74ACT125

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
MC74AC125 ONSEMI-MC74AC125 Datasheet
92Kb / 8P
   Quad Buffer with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com