Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5204CY Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS5204CY
Description  150mA Low Noise LDO Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5204CY Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5204CY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5204CY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5204CY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5204CY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5204CY Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5204CY Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS5204
150mA Low Noise LDO Voltage Regulator
1/6
Version: A07
SOT-23
SOT-89
General Description
The TS5204 series is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage
(typically 20mV at light loads and 350mV at 150mA at 5V version), and very low power consumption (600uA at
100mA), providing high output current even when the application requires very low dropout voltage. The TS5204
series is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown and revered battery protection.
Features
Ultra Low Noise Output
Output Current up to 150mA (5V Version)
Low Dropout Voltage
Low Power Consumption
Internal Current Limit
Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5204CXxx RF
SOT-23
3Kpcs / 7” Reel
TS5204CYxx RF
SOT-89
1Kpcs / 7” Reel
Note: Where xx denotes voltage option, available are
50=5.0V, 33=3.3V, 30=3.0V, 25=2.5V
Contact factory for additional voltage options.
Application
Cellular Telephones
Palmtops, Notebook Computers
Battery Powered Equipment
Consumer and Personal Electronics
SMPS Post Regulator and DC to DC Modules
High-efficiency Linear Power Supplies
Portable Application
Typical Application Circuit
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Power Dissipation (Note 2)
PD
Internal limited
SOT-23
220
Thermal Resistance
SOT-89
ӨJA
180
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Recommend Operating Rating (Note 2)
Parameter
Symbol
Value
Unit
Input Supply Voltage
VIN
+2.5 ~ +16
V
Pin Definition:
1. Output
2. Input
3. Ground
Pin Definition:
1. Output
2. Ground
3. Input
VOUT
VIN
CIN
1uF
COUT
2.2uF


Numéro de pièce similaire - TS5204CY

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5204CY TSC-TS5204CY Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY TSC-TS5204CY Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY1.8 TSC-TS5204CY1.8 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CY18 TSC-TS5204CY18 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results

Description similaire - TS5204CY

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204CQ50 TSC-TS5204CQ50 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205_04 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com