Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4947 Fiches technique(PDF) 1 Page - Semtech Corporation

No de pièce 1N4947
Description  Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4947 Fiches technique(HTML) 1 Page - Semtech Corporation

  1N4947 Datasheet HTML 1Page - Semtech Corporation 1N4947 Datasheet HTML 2Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER DISCRETES
1
www.semtech.com
1N4942, 1N4944, 1N4946,
1N4947, 1N4948
Axial Leaded Hermetically Sealed
Fast Recovery Rectifier Diodes
Features
Revision: November 7, 2007
Quick reference data
V
R = 200 - 1000 V
IO = 1.0A
t
rr =
150 to 500nS
V
F
= 1.2V
Low reverse leakage current
Hermetically sealed in Metoxilite fused metal oxide
Low forward voltage drop
Electrical Specifications
Electrical specifications @ T
A = 25°C unless otherwise specified.
s
e
p
y
TV
M
W
R
I
F
)
V
A
(
5
5
@
C
°
I
M
S
F
I
M
R
F
@
s
m
3
.
8
=
p
t
T
R
R
V
F
I
@
F
I
R
V
@
M
W
R
C
J
V
5
@
z
H
M
1
T
G
T
S
R
θθθθθ L
j
d
i
m
b
c
p
-"
8
/
3
=
LC
°
5
2C
°
0
0
1"
8
/
3"
0
)
k
p
(
VA
A
A
A
s
nV
A
A
µA
µF
pC
°C
°
W
/
CC
°
W
/
C
2
4
9
4
N
10
0
20
.
10
.
25
20
.
60
5
12
.
10
.
15
.
05
27
25
7
1
+
o
t
5
6
-3
7
4
4
9
4
N
10
0
40
.
10
.
25
20
.
60
5
12
.
10
.
15
.
05
27
25
7
1
+
o
t
5
6
-3
7
6
4
9
4
N
10
0
60
.
10
.
25
20
.
60
5
22
.
10
.
15
.
05
27
25
7
1
+
o
t
5
6
-3
7
7
4
9
4
N
10
0
80
.
10
.
25
20
.
60
5
22
.
10
.
15
.
05
28
15
7
1
+
o
t
5
6
-3
7
8
4
9
4
N
10
0
0
10
.
10
.
25
20
.
60
0
52
.
10
.
15
.
05
28
15
7
1
+
o
t
5
6
-3
7
Description
These products are qualified to MIL-PRF-19500/359


Numéro de pièce similaire - 1N4947

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
1N4947 DGNJDZ-1N4947 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
1N4947 PANJIT-1N4947 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
1N4947 BILIN-1N4947 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N4947 NJSEMI-1N4947 Datasheet
110Kb / 1P
   DO-41
logo
Nantong Hornby Electron...
1N4947 HORNBY-1N4947 Datasheet
230Kb / 3P
   FAST RECOVERY RECTIFIER
More results

Description similaire - 1N4947

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N6620 SEMTECH-1N6620 Datasheet
37Kb / 3P
   Axial Leaded Hermetically Sealed Ultra Fast Recovery Rectifier Diode
1N5415 SEMTECH-1N5415_10 Datasheet
135Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
1N5415 SEMTECH-1N5415 Datasheet
183Kb / 5P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
PF8 SEMTECH-PF8 Datasheet
93Kb / 3P
   Axial Leaded Hermetically Sealed Fast Rectifier Diode
2PFF6 SEMTECH-2PFF6 Datasheet
108Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PFRO SEMTECH-PFRO Datasheet
111Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
1N5550 SEMTECH-1N5550_08 Datasheet
159Kb / 4P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
   Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
PM6 SEMTECH-PM6 Datasheet
99Kb / 3P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
1N3611 SEMTECH-1N3611 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com