Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX24160 Fiches technique(PDF) 3 Page - Synaptics Incorporated.

No de pièce CX24160
Description  Dual Digital Broadcast MPEG-2 Standard Definition TV Decoder with PVR Support
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CONEXANT [Synaptics Incorporated.]
Site Internet  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX24160 Fiches technique(HTML) 3 Page - Synaptics Incorporated.

  CX24160 Datasheet HTML 1Page - Synaptics Incorporated. CX24160 Datasheet HTML 2Page - Synaptics Incorporated. CX24160 Datasheet HTML 3Page - Synaptics Incorporated. CX24160 Datasheet HTML 4Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The ARM920 CPU in the CX2416x provides up to 250 Dhrystone
2.1 MIPS and enables broadcasters to adopt complex, feature-
rich middleware platforms, such as OpenTV®, multimedia home
platform (MHP), and MediaHighway. The advanced CPU platform
allows STB manufacturers to offer improvements such as faster
interactive applications loading, electronic program guide (EPG)
scrolling performance, and scalability to Linux®-based software
platforms via memory management unit (MMU) hardware
support. A telco return channel can be supported via data access
arrangement (DAA) interface to a V.22-V.92 hardware or software
modem, or via PCI interface to a digital subscriber line (DSL),
Ethernet, or wireless broadband modem.
advanced Security features
The CX2416x incorporates advanced security technologies that
greatly enhances the ability of broadcasters to protect their service
against piracy. Using an advanced on-chip one-time-programmable
(OTP) memory technology, Conexant offers broadcasters the ability
to personalize individual STBs via the system IC with unique serial
numbers and encryption keys. This allows broadcasters to secure
transactions between the STB Smart Cards and the MPEG-2
decoders. The CX2416x also includes embedded cryptographic
technology to allow secure authentication of the STB system
software that is loaded into flash memory.
full-featured Development Platform
Set-top Box Solutions
Satellite
CX2416x System Diagram
SATA
Hard Disk
CX20493
Si-DAA [V.92]
RJ11
Smart
Card
Front
Panel
TDA8024
CX24128
8PSK/QPSK
Dual-tuner
CX24130
DVB-S
Dual-demod
CX24130
DVB-S
Dual-demod
CX24128
8PSK/QPSK
Dual-tuner
LNB
LNB
LNB
LNB
CX2416x
Dual
MPEG2
Decoder
DDR
Flash
NVRAM
Stereo DAC
16/32
IR Detect
S-video
YPrPb
CVBS
CVBS
L/R Phono
Stereo DAC
CX20552
USB 2 Phy.
CX20552
USB 2 Phy.
L/R Phono
S/PDIF
UHF
USB
USB
Ch. 3/4 RF Out
(MTS Stereo)
}
}


Numéro de pièce similaire - CX24160

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CX241 ETC-CX241 Datasheet
91Kb / 1P
   1.5Amp 120/240Vac AC Output Low Profile SIP
logo
Crydom Inc.,
CX241 CRYDOM-CX241 Datasheet
485Kb / 4P
   PCB Mount
CX241 CRYDOM-CX241 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CX241 CRYDOM-CX241 Datasheet
649Kb / 5P
   PCB Mount
logo
Synaptics Incorporated.
CX24108 CONEXANT-CX24108 Datasheet
249Kb / 2P
   Highly Integrated, Complete Broadband Satellite Front-End Solution
More results

Description similaire - CX24160

FabricantNo de pièceFiches techniqueDescription
logo
Synaptics Incorporated.
CX2417X CONEXANT-CX2417X Datasheet
799Kb / 4P
   Digital Broadcast High-Definition TV Decoder with PVR Support
CX24500 CONEXANT-CX24500 Datasheet
313Kb / 4P
   HDTV MPEG-2/H.264/VC-1 Video Decoder with PVR Support
logo
Broadcom Corporation.
BCM7411 BOARDCOM-BCM7411 Datasheet
129Kb / 2P
   AVC/MPEG HIGH-DEFINITION DECODER
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
Broadcom Corporation.
BCM7412 BOARDCOM-BCM7412 Datasheet
233Kb / 2P
   AVC/VC-1/MPEG HIGH-DEFINITION DECODER
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA3500H PHILIPS-SAA3500H Datasheet
156Kb / 32P
   Digital audio broadcast channel decoder
2000 Jun 14
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
logo
STMicroelectronics
STB7109 STMICROELECTRONICS-STB7109 Datasheet
107Kb / 2P
   High definition AVC, VC-1 and MPEG-2 decoder with advanced security and connectivity
logo
Fujitsu Component Limit...
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
   MPEG-2 Decoder with Integrated NDS ICAM
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com