Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL3280E Fiches technique(PDF) 12 Page - Intersil Corporation

No de pièce ISL3280E
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3280E Fiches technique(HTML) 12 Page - Intersil Corporation

Back Button ISL3280E Datasheet HTML 7Page - Intersil Corporation ISL3280E Datasheet HTML 8Page - Intersil Corporation ISL3280E Datasheet HTML 9Page - Intersil Corporation ISL3280E Datasheet HTML 10Page - Intersil Corporation ISL3280E Datasheet HTML 11Page - Intersil Corporation ISL3280E Datasheet HTML 12Page - Intersil Corporation ISL3280E Datasheet HTML 13Page - Intersil Corporation ISL3280E Datasheet HTML 14Page - Intersil Corporation ISL3280E Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
FN6543.2
October 18, 2007
FIGURE 12. RECEIVER SKEW vs TEMPERATURE
FIGURE 13. RECEIVER PROPAGATION DELAY vs
TEMPERATURE
FIGURE 14. RECEIVER SKEW vs TEMPERATURE
FIGURE 15. RECEIVER WAVEFORMS
FIGURE 16. RECEIVER WAVEFORMS
Die Characteristics
SUBSTRATE AND TDFN THERMAL PAD POTENTIAL
(POWERED UP):
GND
TRANSISTOR COUNT:
140
PROCESS:
Si Gate BiCMOS
Typical Performance Curves CL = 15pF, TA = +25°C; Unless Otherwise Specified. (Continued)
-40
-15
10
35
60
85
110
125
TEMPERATURE (°C)
|tPLH - tPHL|
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC = 5V
VL = 1.8V
VL = 2.5V
VL = 1.5V
30
35
40
45
50
55
-40
-15
10
35
60
85
110 125
TEMPERATURE (°C)
VCC = 3.3V
VL = 2.5V
VL = 1.8V
VL = 1.5V
-40
-15
10
35
60
85
110
125
TEMPERATURE (°C)
|tPLH - tPHL|
VCC = 3.3V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VL = 2.5V
VL = 1.8V
VL = 1.5V
VL = 1.8V
TIME (20ns/DIV)
2.0
-2.0
0
0
1.0
A - B
2.0
3.0
4.0
5.0
VL = 1.5V
VL = 2.5V
VL = 5V
VCC = 5V
TIME (20ns/DIV)
2.0
-2.0
0
0
1.0
A - B
2.0
3.0
4.0
VL = 1.5V
VL = 2.5V
VL = 3.3V
VCC = 3.3V
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E


Numéro de pièce similaire - ISL3280E

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3280E INTERSIL-ISL3280E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3280E INTERSIL-ISL3280E Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Intersil Corporation
ISL3280E-84E INTERSIL-ISL3280E-84E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
More results

Description similaire - ISL3280E

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com