Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ACT373DWR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ACT373DWR
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT373DWR Fiches technique(HTML) 5 Page - Texas Instruments

  SN74ACT373DWR Datasheet HTML 1Page - Texas Instruments SN74ACT373DWR Datasheet HTML 2Page - Texas Instruments SN74ACT373DWR Datasheet HTML 3Page - Texas Instruments SN74ACT373DWR Datasheet HTML 4Page - Texas Instruments SN74ACT373DWR Datasheet HTML 5Page - Texas Instruments SN74ACT373DWR Datasheet HTML 6Page - Texas Instruments SN74ACT373DWR Datasheet HTML 7Page - Texas Instruments SN74ACT373DWR Datasheet HTML 8Page - Texas Instruments SN74ACT373DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ACT373, SN74ACT373
OCTAL D-TYPE TRANSPARENT LATCHES
WITH 3-STATE OUTPUTS
SCAS544E – OCTOBER 1995 – REVISED OCTOBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
50% VCC
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
VOH
VOL
3 V
0 V
Input
Output
Timing Input
50% VCC
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
500
500
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
VOL + 0.3 V
50% VCC
≈0 V
Open
VOLTAGE WAVEFORMS
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
Open
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
Input
VOH – 0.3 V
3 V
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one input transition per measurement.
VOLTAGE WAVEFORMS
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - SN74ACT373DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT373DWR TI-SN74ACT373DWR Datasheet
582Kb / 19P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ACT373DWR TI1-SN74ACT373DWR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ACT373DWRE4 TI-SN74ACT373DWRE4 Datasheet
582Kb / 19P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN74ACT373DWRG4 TI-SN74ACT373DWRG4 Datasheet
582Kb / 19P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ACT373DWR

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com