Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD7627FN Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TD7627FN
Description  3-WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7627FN Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TD7627FN_01 Datasheet HTML 4Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 5Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 6Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 7Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 8Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 9Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 10Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 11Page - Toshiba Semiconductor TD7627FN_01 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TD7627FN
2001-03-01 8/19
Figure 3. 3-wire bus data format
l 27-bit DATA TRANSMISSION
During a high level of the enable signal, the data is clocked into the register on the falling edge of the
clock.
The clock number during a high level of the enable signal must be set to 27-bit or more of clock and data
transmission.
The data are latched at the 27th falling edge of the clock signal, validating the previous 27-bit data.
The 4-bit bandswitch data are latched at the 5th bit rising edge of the clock signal, and the data is
updated.
The programmable counter data are latched at the 20th bit rising edge of the clock signal, and the data is
updated.
The control data are latched at the 27th bit falling edge of the clock signal, and the data is updated.
Details of the data timing, see the data timing chart. (Fig.1)


Numéro de pièce similaire - TD7627FN_01

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
More results

Description similaire - TD7627FN_01

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD7623AFN TOSHIBA-TD7623AFN Datasheet
789Kb / 18P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7623AFN TOSHIBA-TD7623AFN_01 Datasheet
307Kb / 19P
   3-WIRE AND I2C BUS SYSTEM, 2.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN_01 Datasheet
348Kb / 21P
   3-WIRE AND I2C BUS SYSTEM, 1.3 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
TD7627FN TOSHIBA-TD7627FN Datasheet
788Kb / 18P
   30WIRE AND I2C BUS SYSTEM, 2.7 GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHSIZER FOR CATV
TD7624AFN TOSHIBA-TD7624AFN Datasheet
918Kb / 20P
   3-WIRE AND I2C BUS SYSTEM, 1.3GHz DIRECT TWO MODULUS-TYPE FREQUENCY SYNTHESIZER FOR TV AND CATV
logo
NXP Semiconductors
TSA5059 PHILIPS-TSA5059 Datasheet
151Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
1999 Oct 05
TSA5059A PHILIPS-TSA5059A Datasheet
118Kb / 24P
   2.7 GHz I2C-bus controlled low phase noise frequency synthesizer
2000 Oct 24
logo
Mitsubishi Electric Sem...
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Toshiba Semiconductor
TD7614F TOSHIBA-TD7614F Datasheet
520Kb / 16P
   3-WIRE BUS, 1.3GHz-FREQUENCY SYNTHESIZER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com