Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD7103F Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TD7103F
Description  ECL Prescaler For Digital Synthesized Tuner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7103F Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TD7103F Datasheet HTML 1Page - Toshiba Semiconductor TD7103F Datasheet HTML 2Page - Toshiba Semiconductor TD7103F Datasheet HTML 3Page - Toshiba Semiconductor TD7103F Datasheet HTML 4Page - Toshiba Semiconductor TD7103F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TD7103F
2002-10-30
3
Maximum Ratings (Ta = 25°C)
Electrical Characteristics (unless otherwise specified, VCC = 1.0~3.0V, Ta =
----25~75°C)
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Supply voltage
VCC
1.0
3.0
V
ICCopr
VCC = 1.2V
6
10
mA
Supply current
ICCSTB
VCC = 3.0V
1
10
µA
FM
fIN (FM)
VIN = 70mVrms
50
150
Operating frequency
range
TV
fIN (TV)
VIN = 70mVrms
50
250
MHz
Input voltage
VIN
70
200
mVrms
Output amplitude
VOUT
0.4
Vp-p
"H" level
VIL
PSC, TV / FM, STB
VCC × 0.8
VCC
Input voltage
"L" level
VIH
PSC, TV / FM, STB
0
VCC × 0.2
V
"H" level
IIL
100
Input current
"L" level
IIH
-100
µA
Characteristic
Symbol
Rating
Unit
Power supply voltage
VCC
4.5
V
Input voltage
VIN
-0.3~VCC + 0.3
V
Power dissipation
PD
400 (Note)
mW
Operating temperature
Topr
-25 ~ 75
°C
Storage temperature
Tstg
-55 ~ 150
°C
(Note)
Derated linearly above
Ta = 25°C in the
proportion of 3.2 mW / °C


Numéro de pièce similaire - TD7103F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
More results

Description similaire - TD7103F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD6134AF TOSHIBA-TD6134AF_02 Datasheet
321Kb / 6P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F Datasheet
406Kb / 5P
   ELC PRESCALER FOR DIGITAL SYNTHSIZED TUNER
TD6134AF TOSHIBA-TD6134AF Datasheet
163Kb / 5P
   ECL PRESACLE FOR DIGITAL STNTHESIZED TUNER
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
NTE Electronics
NTE7069 NTE-NTE7069 Datasheet
21Kb / 2P
   Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
   Prescaler for Digital Tuning System
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com