Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L79L06ABUTR Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce L79L06ABUTR
Description  Negative voltage regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L06ABUTR Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button L79L06ABUTR Datasheet HTML 2Page - STMicroelectronics L79L06ABUTR Datasheet HTML 3Page - STMicroelectronics L79L06ABUTR Datasheet HTML 4Page - STMicroelectronics L79L06ABUTR Datasheet HTML 5Page - STMicroelectronics L79L06ABUTR Datasheet HTML 6Page - STMicroelectronics L79L06ABUTR Datasheet HTML 7Page - STMicroelectronics L79L06ABUTR Datasheet HTML 8Page - STMicroelectronics L79L06ABUTR Datasheet HTML 9Page - STMicroelectronics L79L06ABUTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
L79LxxAB - L79LxxAC - L79LxxC
6/22
4
Electrical characteristics
Table 4.
Electrical characteristics of L79L05 (refer to the test circuits, TJ = 0 to 125 °C, VI = -10 V,
IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
-4.6
-5
-5.4
V
VO
Output voltage
IO = 1 to 40 mA, VI = -7 to -20 V
-4.5
-5.5
V
IO = 1 to 70 mA, VI = -10 V
-4.5
-5.5
ΔVO
Line regulation
VI = -7 to -20 V, TJ = 25°C
200
mV
VI = -8 to -20 V, TJ = 25°C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
60
mV
IO = 1 to 40 mA, TJ = 25°C
30
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = -8 to -20 V
1.5
eN
Output noise voltage
B =10Hz to 100kHz, TJ = 25°C
40
µV
SVR
Supply voltage rejection
VI = -8 to -18V, f = 120Hz
IO = 40 mA, TJ = 25°C
40
49
dB
Vd
Dropout voltage
1.7
V


Numéro de pièce similaire - L79L06ABUTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L79L06ABU STMICROELECTRONICS-L79L06ABU Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
More results

Description similaire - L79L06ABUTR

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com