Moteur de recherche de fiches techniques de composants électroniques |
|
TC4040BP Fiches technique(PDF) 4 Page - Toshiba Semiconductor |
|
TC4040BP Fiches technique(HTML) 4 Page - Toshiba Semiconductor |
4 / 9 page TC4040BP/BF/BFN 2007-10-01 4 Dynamic Electrical Characteristics (Ta = 25°C, VSS = 0 V, CL = 50 pF) Test Condition Characteristics Symbol VDD (V) Min Typ. Max Unit Output transition time (low to high) tTLH ⎯ 5 10 15 ⎯ ⎯ ⎯ 70 35 30 200 100 80 ns Output transition time (high to low) tTHL ⎯ 5 10 15 ⎯ ⎯ ⎯ 70 35 30 200 100 80 ns Propagation delay time ( CLOCK -Q1) tpLH ⎯ 5 10 15 ⎯ ⎯ ⎯ 160 80 65 360 160 130 ns Propagation delay time ( CLOCK -Q1) tpHL ⎯ 5 10 15 ⎯ ⎯ ⎯ 160 80 65 360 160 130 ns Propagation delay time ( CLOCK -Q12) tpLH ⎯ 5 10 15 ⎯ ⎯ ⎯ 900 450 360 1800 900 720 ns Propagation delay time ( CLOCK -Q12) tpHL ⎯ 5 10 15 ⎯ ⎯ ⎯ 900 450 360 1800 900 720 ns Propagation delay time (RESET-Q) tpHL ⎯ 5 10 15 ⎯ ⎯ ⎯ 150 70 50 280 120 100 ns Max clock frequency fCL ⎯ 5 10 15 3.5 8.0 12.0 10 20 25 ⎯ ⎯ ⎯ MHz Min clock pulse width tW ⎯ 5 10 15 ⎯ ⎯ ⎯ 50 20 15 140 60 40 ns Min pulse width (RESET) tW ⎯ 5 10 15 ⎯ ⎯ ⎯ 100 40 30 200 80 60 ns Min removal time (RESET- CLOCK ) trem ⎯ 5 10 15 ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ 350 150 100 ns Max clock input rise time Max clock input fall time trCL tfCL ⎯ 5 10 15 No limit μs Input capacitance CIN ⎯ ⎯ 5 7.5 pF |
Numéro de pièce similaire - TC4040BP_07 |
|
Description similaire - TC4040BP_07 |