Moteur de recherche de fiches techniques de composants électroniques |
|
TC4027BP Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
TC4027BP Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
2 / 9 page TC4027BP/BF/BFN 2007-10-01 2 Truth Table Inputs Outputs RESET SET J K CLOCK Δ Qn + 1 1 n Q + L H * * * H L H L * * * L H H H * * * H H L L L L Qn* Qn* L L L H L H L L H L H L L L H H n Q ** Qn** L L * * Qn* n Q * *: Don’t care Δ: Level change *: No change **: Change Logic Diagram 1/2 TC4027B Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit DC supply voltage VDD VSS − 0.5 to VSS + 20 V Input voltage VIN VSS − 0.5 to VDD + 0.5 V Output voltage VOUT VSS − 0.5 to VDD + 0.5 V DC input current IIN ±10 mA Power dissipation PD 300 (DIP)/180 (SOIC) mW Operating temperature range Topr −40 to 85 °C Storage temperature range Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). |
Numéro de pièce similaire - TC4027BP |
|
Description similaire - TC4027BP |