Moteur de recherche de fiches techniques de composants électroniques |
|
L79L06ABZ Fiches technique(PDF) 7 Page - STMicroelectronics |
|
L79L06ABZ Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 22 page L79LxxAB - L79LxxAC - L79LxxC Electrical characteristics 7/22 Table 5. Electrical characteristics of L79L06 (refer to the test circuits, TJ = 0 to 125 °C, VI = -12 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -5.52-6-6.48 V VO Output voltage IO = 1 to 40 mA, VI = -8.5 to -20 V -5.4 -6.6 V IO = 1 to 70 mA, VI = -12 V -5.4 -6.6 ΔVO Line regulation VI = -8.5 to -20 V, TJ = 25°C 200 mV VI = -9 to -20 V, TJ = 25°C 150 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 60 mV IO = 1 to 40 mA, TJ = 25°C 30 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -8 to -20 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 50 µV SVR Supply voltage rejection VI = -9 to -20V, f = 120Hz IO = 40 mA, TJ = 25°C 38 46 dB Vd Dropout voltage 1.7 V Table 6. Electrical characteristics of L79L08 (refer to the test circuits, TJ = 0 to 125 °C, VI = -14 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -7.36-8-8.64 V VO Output voltage IO = 1 to 40 mA, VI = -10.5 to -23 V -7.2 -8.8 V IO = 1 to 70 mA, VI = -14 V -7.2 -8.8 ΔVO Line regulation VI = -10.5 to -23 V, TJ = 25°C 200 mV VI = -11 to -23 V, TJ = 25°C 150 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 80 mV IO = 1 to 40 mA, TJ = 25°C 40 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -11 to -23 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 60 µV SVR Supply voltage rejection VI = -12 to -23V, f = 120Hz IO = 40 mA, TJ = 25°C 36 45 dB Vd Dropout voltage 1.7 V |
Numéro de pièce similaire - L79L06ABZ |
|
Description similaire - L79L06ABZ |