Moteur de recherche de fiches techniques de composants électroniques |
|
TC4020BP Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
TC4020BP Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC4020BP/BF/BFN 2007-10-01 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC4020BP,TC4020BF,TC4020BFN TC4020B 14 Stage Ripple-Carry Binary Counter/Dividers TC4020B is 14 stage ripple carry binary counter having asynchronous clear function. The counter advances its counting stage by falling edge of CLOCK input. When RESET input is placed “H”, all the circuits are reset regardless of CLOCK input making all the outputs (Q1, Q4~Q14) to be “L”. This is most suitable for frequency dividers, control circuits and timing circuits. Pin Assignment Truth Table CLOCK Δ RESET Output State * H All Outputs = “L” L No Change L Advance to Next State Δ: Level change *: Don’t care Note: xxxFN (JEDEC SOP) is not available in Japan. TC4020BP TC4020BF TC4020BFN Weight DIP16-P-300-2.54A : 1.00 g (typ.) SOP16-P-300-1.27A : 0.18 g (typ.) SOL16-P-150-1.27 : 0.13 g (typ.) |
Numéro de pièce similaire - TC4020BP |
|
Description similaire - TC4020BP |