Moteur de recherche de fiches techniques de composants électroniques |
|
ST7SB10-SU04 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
ST7SB10-SU04 Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 124 page November 2007 1/124 Rev 6 ST7LITE0xY0, ST7LITESxY0 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI ■ Memories – 1K or 1.5 Kbytes single voltage Flash Pro- gram memory with read-out protection, In-Cir- cuit and In-Application Programming (ICP and IAP). 10 K write/erase cycles guaranteed, data retention: 20 years at 55 °C. – 128 bytes RAM. – 128 bytes data EEPROM with read-out pro- tection. 300K write/erase cycles guaranteed, data retention: 20 years at 55 °C. ■ Clock, Reset and Supply Management – 3-level low voltage supervisor (LVD) and aux- iliary voltage detector (AVD) for safe power- on/off procedures – Clock sources: internal 1MHz RC 1% oscilla- tor or external clock – PLL x4 or x8 for 4 or 8 MHz internal clock – Four Power Saving Modes: Halt, Active-Halt, Wait and Slow ■ Interrupt Management – 10 interrupt vectors plus TRAP and RESET – 4 external interrupt lines (on 4 vectors) ■ I/O Ports – 13 multifunctional bidirectional I/O lines – 9 alternate function lines – 6 high sink outputs ■ 2 Timers – One 8-bit Lite Timer (LT) with prescaler in- cluding: watchdog, 1 realtime base and 1 in- put capture. – One 12-bit Auto-reload Timer (AT) with output compare function and PWM ■ 1 Communication Interface – SPI synchronous serial interface ■ A/D Converter – 8-bit resolution for 0 to VDD – Fixed gain Op-amp for 11-bit resolution in 0 to 250 mV range (@ 5V VDD) – 5 input channels ■ Instruction Set – 8-bit data manipulation – 63 basic instructions with illegal opcode de- tection – 17 main addressing modes – 8 x 8 unsigned multiply instruction ■ Development Tools – Full hardware/software development package Device Summary DIP16 SO16 150” QFN20 Features ST7LITESxY0 (ST7SUPERLITE) ST7LITE0xY0 ST7LITES2Y0 ST7LITES5Y0 ST7LITE02Y0 ST7LITE05Y0 ST7LITE09Y0 Program memory - bytes 1K 1K 1.5K 1.5K 1.5K RAM (stack) - bytes 128 (64) 128 (64) 128 (64) 128 (64) 128 (64) Data EEPROM - bytes ---- 128 Peripherals LT Timer w/ Wdg, AT Timer w/ 1 PWM, SPI LT Timer w/ Wdg, AT Timer w/ 1 PWM, SPI, 8-bit ADC LT Timer w/ Wdg, AT Timer w/ 1 PWM, SPI LT Timer w/ Wdg, AT Timer w/ 1 PWM, SPI, 8-bit ADC w/ Op-Amp Operating Supply 2.4V to 5.5V CPU Frequency 1MHz RC 1% + PLLx4/8MHz Operating Temperature -40°C to +85°C Packages SO16 150”, DIP16, QFN20 1 |
Numéro de pièce similaire - ST7SB10-SU04 |
|
Description similaire - ST7SB10-SU04 |