Moteur de recherche de fiches techniques de composants électroniques |
|
TC74VHC374FT Fiches technique(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHC374FT Fiches technique(HTML) 3 Page - Toshiba Semiconductor |
3 / 10 page TC74VHC374F/FT/FK 2007-10-01 3 Absolute Maximum Ratings (Note) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK −20 mA Output diode current IOK ±20 mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±75 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Operating Ranges (Note) Characteristics Symbol Rating Unit Supply voltage VCC 2.0 to 5.5 V Input voltage VIN 0 to 5.5 V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dv 0 to 100 (VCC = 3.3 ± 0.3 V) 0 to 20 (VCC = 5 ± 0.5 V) ns/V Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. |
Numéro de pièce similaire - TC74VHC374FT |
|
Description similaire - TC74VHC374FT |