Moteur de recherche de fiches techniques de composants électroniques |
|
TDA7410ND Fiches technique(PDF) 8 Page - STMicroelectronics |
|
TDA7410ND Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 34 page Audio Processor Part TDA7410ND 8/34 3 Audio Processor Part Input Multiplexer ● Quasi-differential CD ● Cassette stereo and Aux stereo input ● AM mono and MPX ● Input gain stage with auto zero function Volume Control ● 1dB attenuator ● Max. gain 32dB ● Max. attenuation 79dB ● Softstep function Treble ● 2nd order frequency response ● Fixed center frequency 12.5kHz ● 7x2dB steps Bass Control ● 2nd order frequency response ● Fixed center frequency 100Hz ● DC gain programmable ● 7x 2dB steps ● Softstep function Speaker control ● 4 independent speaker controls (control range 50dB) ● Speaker mute Mute functions ● Direct mute ● Mute by I2C |
Numéro de pièce similaire - TDA7410ND |
|
Description similaire - TDA7410ND |