Moteur de recherche de fiches techniques de composants électroniques |
|
TC74VCXH16652FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
TC74VCXH16652FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 15 page TC74VCXH16652FT 2007-10-19 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TC74VCXH16652FT Low-Voltage 16-Bit Bus Transceiver/Register with Bushold The TC74VCXH16652FT is a high-performance CMOS 16-bit bus transceiver/register. Designed for use in 1.8-V, 2.5-V or 3.3-V systems, it achieves high-speed operation while maintaining the CMOS low power dissipation. This device is bus transceiver with 3-state outputs, D-type flip-flops, and control circuitry arranged for multiplexed transmission of data directly from the internal registers. The A, B data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level. All inputs are equipped with protection circuits against static discharge. Features (Note) • Low-voltage operation: VCC = 1.8 to 3.6 V • Bushold on data inputs eliminating the need for external pull-up/pull-down resistors • High-speed operation : tpd = 2.9 ns (max) (VCC = 3.0 to 3.6 V) : tpd = 3.5 ns (max) (VCC = 2.3 to 2.7 V) : tpd = 7.0 ns (max) (VCC = 1.8 V) • 3.6-V tolerant control inputs • Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V) : IOH/IOL = ±18 mA (min) (VCC = 2.3 V) : IOH/IOL = ±6 mA (min) (VCC = 1.8 V) • Latch-up performance: −300 mA • ESD performance: Machine model ≥ ±200 V Human body model ≥ ±2000 V • Package: TSSOP Note: Do not apply a signal to any bus pins when it is in the output mode. Damage may result. Weight: 0.25 g (typ.) |
Numéro de pièce similaire - TC74VCXH16652FT |
|
Description similaire - TC74VCXH16652FT |