Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VCX16652FT Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC74VCX16652FT
Description  Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16652FT Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX16652FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16652FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC74VCX16652FT
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
OEBA
1
56
1CBA
1SBA
GND
1B1
1B2
55
54
53
52
51
50
1OEAB
1
2
3
4
5
6
7
1CAB
1SAB
GND
1A1
1A2
VCC
VCC
8
1A3
49
1B3
9
10
11
12
48
47
46
45
GND
1A6
1A5
1A4
1B6
GND
1B5
1B4
13
14
15
16
17
18
19
20
21
22
23
24
2A7
2A8
25
26
27
28
GND
2SAB
2CAB
2OEAB
1B7
44
1B8
2B1
2B3
GND
43
42
41
40
39
38
2B4
37
2B5
36
35
34
33
2B8
2B7
VCC
2B6
32
31
30
29
OEBA
2
2CBA
2SBA
GND
1A7
1A8
2A1
2A2
2A4
2A5
GND
2A3
2A6
VCC
2B2
2SAB
1A2
1A3
1A4
1A5
1A6
1A7
1A8
2A2
2A3
2A4
2A5
2A6
2A7
2A8
2A1
1B3
1B5
1B7
1B2
1B4
1B6
1B8
1B1
2B3
2B5
2B7
2B2
2B4
2B6
2B8
2B1
16
17
19
20
21
23
24
41
40
38
37
36
34
33
8
9
10
12
13
14
15
51
48
47
45
44
43
42
6
49
2CAB
2SBA
2CBA
1SAB
1CAB
1SBA
1CBA
1OEAB
2OEAB
1A1
26
31
27
30
2
55
3
54
28
29
1
56
5
52
EN1 (BA)
EN2 (AB)
C3
G4
C5
G6
EN7 (BA)
EN8 (AB)
C9
G10
C11
G12
> 1
1
4
3D
4 1
> 1
2
5D
6
1
6
> 1
7
10
9D
> 1
8
11D 12
10 1
1 12
OEBA
1
OEBA
2


Numéro de pièce similaire - TC74VCX16652FT_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX16652FT TOSHIBA-TC74VCX16652FT Datasheet
492Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74VCX16652FT_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT_07 Datasheet
243Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT_07 Datasheet
250Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT_07 Datasheet
249Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT Datasheet
476Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT Datasheet
478Kb / 13P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16646FT TOSHIBA-TC74VCX16646FT Datasheet
477Kb / 14P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com