Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VCX2373FK Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74VCX2373FK
Description  Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX2373FK Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74VCX2373FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX2373FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC74VCX2373FT/FK
2007-10-19
4
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C, 2.7 V < VCC <= 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.7 to 3.6
2.0
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA
2.7 to 3.6
VCC
0.2
IOH = −6 mA
2.7
2.2
IOH = −8 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −12 mA
3.0
2.2
IOL = 100 μA
2.7 to 3.6
0.2
IOL = 6 mA
2.7
0.4
IOL = 8 mA
3.0
0.55
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 12 mA
3.0
0.8
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.7 to 3.6
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.7 to 3.6
±10.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.7 to 3.6
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7 to 3.6
±20.0
Increase in ICC per input
ΔICC
VIH = VCC 0.6 V
2.7 to 3.6
750
μA
DC Characteristics (Ta = −40 to 85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.3 to 2.7
1.6
Input voltage
L-level
VIL
2.3 to 2.7
0.7
V
IOH = −100 μA
2.3 to 2.7
VCC
0.2
IOH = −4 mA
2.3
2.0
IOH = −6 mA
2.3
1.8
H-level
VOH
VIN = VIH or VIL
IOH = −8 mA
2.3
1.7
IOL = 100 μA
2.3 to 2.7
0.2
IOL = 6 mA
2.3
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 8 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0 to 3.6 V
2.3 to 2.7
±5.0
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = 0 to 3.6 V
2.3 to 2.7
±10.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
2.3 to 2.7
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3 to 2.7
±20.0
μA


Numéro de pièce similaire - TC74VCX2373FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX2373FT TOSHIBA-TC74VCX2373FT Datasheet
341Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74VCX2373FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA2573FK TOSHIBA-TC7MA2573FK_07 Datasheet
219Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA373FK TOSHIBA-TC7MA373FK_07 Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com