Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LVX4245FS Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74LVX4245FS
Description  Dual Supply Octal Bus Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4245FS Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74LVX4245FS_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4245FS_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74LVX4245FS
2007-10-17
4
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
VCCA
4.5 to 5.5
Supply voltage
VCCB
2.7 to 3.6
V
Input voltage
VIN
0 to VCCA
V
VI/OA
0 to VCCA
Bus I/O voltage
VI/OB
0 to VCCB
V
Operating temperature
Topr
40 to 85
°C
0 to 8
(VCCA = 4.5 to 5.5 V)
Input rise and fall time
dt/dv
0 to 8
(VCCB = 2.7 to 3.6 V)
ns/V
Note: The operating ranges are required to ensure the normal operation of the device. Unused inputs and bus inputs
must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with VCC or GND
when the I/O of the bus terminal changes by the function. In this case, please note that the output is not
short-circuited.
Electrical Characteristics
DC Characteristics (VCCA = 4.5 to 5.5 V) (VCCB = 2.7 to 3.6 V)
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
VCCA (V)
Min
Typ.
Max
Min
Max
Unit
H-level
VIHA
DIR, G , An
4.5 to 5.5
2.0
2.0
Input voltage
L-level
VILA
DIR, G , An
4.5 to 5.5
0.8
0.8
V
IOH
= −100 μA
4.5
4.4
4.5
4.4
H-level
VOHA
VINA
= VIHA or VILA
VINB
= VIHB or VILB
IOH
= −24 mA
4.5
3.86
3.76
IOL
= 100 μA
4.5
0.0
0.1
0.1
Output voltage
L-level
VOLA
VINA
= VIHA or VILA
VINB
= VIHB or VILB
IOL
= 24 mA
4.5
0.36
0.44
V
3-state output
Off-state current
IOZA
VINA = VIHA or VILA
VINB = VIHB or VILB
VI/OA = VCCA or GND
5.5
±0.5
±5.0
μA
Input leakage current
IINA
VIN (DIR, G)
= VCCA or GND
5.5
±0.1
±1.0
μA
ICCA
VINA = VCCA or GND
VINB = VCCB or GND
5.5
8.0
80.0
μA
Quiescent supply current
ICCTA
VINA = 3.4 V (per input)
VCCA or GND (other input)
5.5
2.3
2.5
mA


Numéro de pièce similaire - TC74LVX4245FS_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
More results

Description similaire - TC74LVX4245FS_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVX3245 STMICROELECTRONICS-74LVX3245 Datasheet
185Kb / 10P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
July 2001
logo
Toshiba Semiconductor
TC74LVX4245FS TOSHIBA-TC74LVX4245FS Datasheet
286Kb / 9P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
STMicroelectronics
74LVXC4245 STMICROELECTRONICS-74LVXC4245 Datasheet
178Kb / 11P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX4245 STMICROELECTRONICS-74LVX4245 Datasheet
309Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVX3245 STMICROELECTRONICS-74LVX3245_04 Datasheet
330Kb / 13P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC3245 STMICROELECTRONICS-74LVXC3245 Datasheet
345Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
74LVXC4245 STMICROELECTRONICS-74LVXC4245_04 Datasheet
344Kb / 14P
   OCTAL DUAL SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74LVXC3245FS TOSHIBA-TC74LVXC3245FS_07 Datasheet
200Kb / 10P
   Dual Supply Octal Configurable Voltage Interface Bus Transceiver
logo
ON Semiconductor
MC74LVXC3245DWRG ONSEMI-MC74LVXC3245DWRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
MC74LVXC3245DTRG ONSEMI-MC74LVXC3245DTRG Datasheet
137Kb / 9P
   Configurable Dual Supply Octal Transceiver
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com