Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LVX244FT Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74LVX244FT
Description  Octal Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX244FT Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74LVX244FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX244FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74LVX240,244F/FT
2007-10-17
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX240F,TC74LVX240FT
TC74LVX244F,TC74LVX244FT
Octal Bus Buffer
TC74LVX240 Inverted, 3-State Outputs
TC74LVX244 Non-Inverted, 3-State Outputs
The TC74LVX240,244F/ FT is a high-speed CMOS OCTAL
BUS BUFFER fabricated using silicon gate CMOS technology.
Designed for use in 3-V systems, it achieves high-speed operation
while maintaining the CMOS low power dissipation. This device
is suitable for low-voltage and battery operated systems.
The TC74LVX240 is an inverting 3-state buffer while the
TC74LVX244 is non-inverting. Both devices have two active-low
output enables. These devices are designed to be used in such
applications as 3-state memory address drivers.
An input protection circuit ensures that 0 to 5.5V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5V to 3V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High-speed: tpd = 4.7 ns (typ.) (VCC = 3.3 V)
• Low power dissipation: ICC = 4 μA (max) (Ta = 25°C)
• Input voltage level: VIL = 0.8 V (max) (VCC = 3 V)
VIH = 2.0 V (min) (VCC = 3 V)
• Power-down protection provided on all inputs
• Balanced propagation delays: tpLH ∼− tpHL
• Low niose: VOLP = 0.8 V (max)
• Pin and function compatible with 74HC240/244
TC74LVX240F, TC74LVX244F
TC74LVX240FT, TC74LVX244FT
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)


Numéro de pièce similaire - TC74LVX244FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LVX244FT TOSHIBA-TC74LVX244FT Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
More results

Description similaire - TC74LVX244FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
   Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
   OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
   Octal Bus Buffer
April, 2006 ??Rev. 5
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
MC74LVX541 ONSEMI-MC74LVX541_14 Datasheet
117Kb / 7P
   Octal Bus Buffer
August, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com