Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX16373FT Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC74LCX16373FT
Description  Low-Voltage 16-Bit D-Type Latch with 5-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16373FT Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC74LCX16373FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16373FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TC74LCX16373FT
2007-10-19
4
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
0.5 to 6.0
V
Input voltage
VIN
0.5 to 7.0
V
0.5 to 7.0 (Note 2)
Output voltage
VOUT
0.5 to VCC + 0.5 (Note 3)
V
Input diode current
IIK
50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
400
mW
DC VCC/ground current per supply pin
ICC/IGND
±100
mA
Storage temperature
Tstg
65 to 150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Output in OFF state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
2.0 to 3.6
Power supply voltage
VCC
1.5 to 3.6 (Note 2)
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5 (Note 3)
Output voltage
VOUT
0 to VCC (Note 4)
V
±24
(Note 5)
±12
(Note 6)
Output current
IOH/IOL
±8
(Note 7)
mA
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 10 (Note 8)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: Output in OFF state
Note 4: High or low state
Note 5: VCC = 3.0 to 3.6 V
Note 6: VCC = 2.7 to 3.0 V
Note 7: VCC = 2.3 to 2.7 V
Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V


Numéro de pièce similaire - TC74LCX16373FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16373 TOSHIBA-TC74LCX16373 Datasheet
275Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16373AFT TOSHIBA-TC74LCX16373AFT Datasheet
275Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC74LCX16373FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT Datasheet
360Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX16373AFT TOSHIBA-TC74LCX16373AFT Datasheet
275Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE LATCH WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX162373FT TOSHIBA-TC74VCX162373FT Datasheet
363Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ573FK TOSHIBA-TC7MZ573FK_07 Datasheet
192Kb / 8P
   Low Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC7MZ373FK TOSHIBA-TC7MZ373FK_07 Datasheet
192Kb / 8P
   Low-Voltage Octal D-Type Latch with 5 V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX573F TOSHIBA-TC74LCX573F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
TC74LCX373F TOSHIBA-TC74LCX373F_10 Datasheet
236Kb / 11P
   Low-Voltage Octal D-Type Latch with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com