Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74LCX16244FT Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC74LCX16244FT
Description  Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16244FT Fiches technique(HTML) 7 Page - Toshiba Semiconductor

  TC74LCX16244FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16244FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TC74LCX16244FT
2007-10-19
7
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V or Vcc
GND
VIH
VM
tpHZ
tpZH
tr 2.5 ns
tf 2.5 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VX
VY
Outputs
disabled
Outputs
enabled
Output Enable
(
OE )
Output (Y)
Low to Off to Low
Output (Y)
High to Off to High
VCC
Symbol
3.3
± 0.3 V
2.7 V
2.5
± 0.2 V
VIH
2.7 V
2.7 V
VCC
VM
1.5 V
1.5 V
VCC/2
VX
VOL + 0.3 V
VOL + 0.3 V
VOL + 0.15 V
VY
VOH − 0.3 V
VOH − 0.3 V
VOH − 0.15 V


Numéro de pièce similaire - TC74LCX16244FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
More results

Description similaire - TC74LCX16244FT

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT_07 Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
149Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74VCX16244FT TOSHIBA-TC74VCX16244FT_07 Datasheet
205Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74VCX162244FT TOSHIBA-TC74VCX162244FT_07 Datasheet
211Kb / 10P
   Low-Voltage 16-Bit Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC74LCX16245FT TOSHIBA-TC74LCX16245FT Datasheet
187Kb / 9P
   Low-Voltage 16-Bit Bus Transceiver with 5-V Tolerant Inputs and Outputs
TC74LCX16244AFT TOSHIBA-TC74LCX16244AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX16244FT TOSHIBA-TC74VCX16244FT Datasheet
333Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX162244FT TOSHIBA-TC74VCX162244FT Datasheet
335Kb / 9P
   LOW VOLTAGE 16-BIT BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX126F TOSHIBA-TC74LCX126F_10 Datasheet
233Kb / 11P
   Low-Voltage Quad Bus Buffer with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com