Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SAU04F Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7SAU04F
Description  Inverter (Un-Buffer)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SAU04F Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7SAU04F Datasheet HTML 1Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 2Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 3Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 4Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 5Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 6Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 7Page - Toshiba Semiconductor TC7SAU04F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC7SAU04F/FU
2007-11-01
5
AC Test Circuit
AC Waveforms
Figure 1
Output
Measure
CL = 30 pF
RL = 500 Ω
Figure 2 tpLH, tpHL
90%
10%
Output
Input
VOL
VOH
VIH
VM
tpLH
tpHL
2.0 ns
2.0 ns
tr
tf
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VM


Numéro de pièce similaire - TC7SAU04F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SAU04F TOSHIBA-TC7SAU04F Datasheet
172Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SAU04FU TOSHIBA-TC7SAU04FU Datasheet
172Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC7SAU04F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SZU04F TOSHIBA-TC7SZU04F_07 Datasheet
185Kb / 7P
   Inverter (Un-Buffer)
TC7SHU04FS TOSHIBA-TC7SHU04FS Datasheet
149Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04FE TOSHIBA-TC7SGU04FE Datasheet
165Kb / 6P
   Inverter (Un-Buffer)
TC7SHU04F TOSHIBA-TC7SHU04F_09 Datasheet
172Kb / 6P
   INVERTER (Un-Buffer)
TC7SGU04AFS TOSHIBA-TC7SGU04AFS Datasheet
174Kb / 6P
   Inverter (Un-Buffer)
TC7SHU04FE TOSHIBA-TC7SHU04FE Datasheet
147Kb / 5P
   INVERTER (Un-Buffer)
TC7WHU04FK TOSHIBA-TC7WHU04FK_09 Datasheet
181Kb / 7P
   Triple Inverter(Un-Buffer)
TC7PGU04FU TOSHIBA-TC7PGU04FU Datasheet
276Kb / 6P
   Dual Inverter (Un-Buffer)
2013-07-25
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com