Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7SA32FU Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7SA32FU
Description  2-Input OR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SA32FU Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7SA32FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 6Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 7Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 8Page - Toshiba Semiconductor TC7SA32FU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC7SA32F/FU
2007-11-01
3
Electrical Characteristics
DC Characteristics (Ta = −40~85°C, 2.7 V < VCC <= 3.6 V)
DC Characteristics (Ta = −40~85°C, 2.3 V <= VCC <= 2.7 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.7~3.6
2.0
Input voltage
Low level
VIL
2.7~3.6
0.8
V
IOH = −100 μA
2.7~3.6
VCC
− 0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
High level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7~3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
Output voltage
Low level
VOL
VIN = VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
IIN
VIN = 0~3.6 V
2.7~3.6
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
2.7~3.6
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.7~3.6
±20.0
Increase in ICC per input
ΔICC
VIH = VCC − 0.6 V
2.7~3.6
750
μA
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
2.3~2.7
1.6
Input voltage
Low level
VIL
2.3~2.7
0.7
V
IOH = −100 μA
2.3~2.7
VCC
− 0.2
IOH = −6 mA
2.3
2.0
IOH = −12 mA
2.3
1.8
High level
VOH
VIN = VIH or VIL
IOH = −18 mA
2.3
1.7
IOL = 100 μA
2.3~2.7
0.2
IOL = 12 mA
2.3
0.4
Output voltage
Low level
VOL
VIN = VIL
IOL = 18 mA
2.3
0.6
V
Input leakage current
IIN
VIN = 0~3.6 V
2.3~2.7
±5.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
2.3~2.7
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
2.3~2.7
±20.0
μA


Numéro de pièce similaire - TC7SA32FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SA34F TOSHIBA-TC7SA34F Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7SA34F TOSHIBA-TC7SA34F Datasheet
208Kb / 8P
   Non-Inverter
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
168Kb / 9P
   Non-Inverter with 3.6 V Tolerant Input and Output
TC7SA34FU TOSHIBA-TC7SA34FU Datasheet
208Kb / 8P
   Non-Inverter
TC7SA34F TOSHIBA-TC7SA34F_07 Datasheet
208Kb / 8P
   Non-Inverter
More results

Description similaire - TC7SA32FU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com