Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7PB53TU Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC7PB53TU
Description  Single 1-of-2 Demultiplexer with N-channel pull-down MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7PB53TU Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC7PB53TU Datasheet HTML 1Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 2Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 3Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 4Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 5Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 6Page - Toshiba Semiconductor TC7PB53TU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TC7PB53TU
2007-10-19
5
AC Test Circuit
AC Waveforms
CL = 50 pF
RL = 500 Ω
Output
Measure
Figure 1
90%
10%
Input
(A)
GND
VCC
tr 2.5 ns
50%
Output
(Ch0)
VOL
VOH
50%
tpHL
tpLH
tr 2.5 ns
Input
(COM)
GND
Vcc
Output
(Ch1)
VOL
VOH
50%
tpLH
tpHL
Figure 2 tpLH tpHL


Numéro de pièce similaire - TC7PB53TU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7PB54FC TOSHIBA-TC7PB54FC Datasheet
205Kb / 9P
   Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
TC7PB54FK TOSHIBA-TC7PB54FK Datasheet
205Kb / 9P
   Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
More results

Description similaire - TC7PB53TU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7PB54FC TOSHIBA-TC7PB54FC Datasheet
205Kb / 9P
   Single 1-of-3 Demultiplexer with N-channel pull-down MOSFET
logo
ON Semiconductor
NL7SZ19 ONSEMI-NL7SZ19 Datasheet
58Kb / 6P
   1-of-2 Decoder/ Demultiplexer
November, 2004 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G19 NEXPERIA-74LVC1G19 Datasheet
244Kb / 16P
   1-of-2 decoder/demultiplexer
Rev. 10 - 27 January 2022
logo
NXP Semiconductors
74LVC1G19 PHILIPS-74LVC1G19 Datasheet
83Kb / 14P
   1-of-2 decoder/demultiplexer
2004 Oct 18
74LVC1G19GW.125 NXP-74LVC1G19GW.125 Datasheet
126Kb / 18P
   1-of-2 decoder/demultiplexer
Rev. 6-6 December 2011
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19_10 Datasheet
855Kb / 19P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74LVC1G19-Q100 NEXPERIA-74LVC1G19-Q100 Datasheet
758Kb / 12P
   1-of-2 decoder/demultiplexer
logo
Texas Instruments
SN74LVC1G19 TI-SN74LVC1G19 Datasheet
216Kb / 11P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
SN74AUC1G19 TI-SN74AUC1G19 Datasheet
335Kb / 12P
[Old version datasheet]   1-OF-2 DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74LVC1G19 NXP-74LVC1G19 Datasheet
82Kb / 15P
   1-of-2 decoder/demultiplexer
Rev. 04-27 August 2007
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com