Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MH153FK Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TC7MH153FK
Description  Dual 4-Channel Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MH153FK Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TC7MH153FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MH153FK_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7MH153FK
2007-10-19
4
Absolute Maximum Ratings (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
0.5~7.0
V
DC input voltage
VIN
0.5~7.0
V
DC output voltage
VOUT
0.5~VCC + 0.5
V
Input diode current
IIK
20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
180
mW
Storage temperature
Tstg
65~150
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.0
1.50
1.50
High level
VIH
3.0~5.5
VCC
× 0.7
VCC
× 0.7
2.0
0.50
0.50
Input voltage
Low level
VIL
3.0~5.5
VCC
× 0.3
VCC
× 0.3
V
2.0
1.9
2.0
1.9
3.0
2.9
3.0
2.9
IOH = −50 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
3.0
2.58
2.48
High level
VOH
VIN = VIH
or VIL
IOH = −8 mA
4.5
3.94
3.80
2.0
0
0.1
0.1
3.0
0
0.1
0.1
IOL = 50 μA
4.5
0
0.1
0.1
IOL = 4 mA
3.0
0.36
0.44
Output voltage
Low level
VOL
VIN = VIH
or VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±0.1
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA


Numéro de pièce similaire - TC7MH153FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
More results

Description similaire - TC7MH153FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_12 Datasheet
218Kb / 10P
   Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
   DUAL 4 CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153_01 Datasheet
526Kb / 10P
   DUAL 4 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
   Dual 4-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com