Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MBL3244AFK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7MBL3244AFK
Description  Octal Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MBL3244AFK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7MBL3244AFK Datasheet HTML 1Page - Toshiba Semiconductor TC7MBL3244AFK Datasheet HTML 2Page - Toshiba Semiconductor TC7MBL3244AFK Datasheet HTML 3Page - Toshiba Semiconductor TC7MBL3244AFK Datasheet HTML 4Page - Toshiba Semiconductor TC7MBL3244AFK Datasheet HTML 5Page - Toshiba Semiconductor TC7MBL3244AFK Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7MBL3244AFK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MBL3244AFK
Octal Bus Switch
The TC7MBL3244AFK provides eight bits of low-voltage,
high-speed bus switching in a standard ’244 device pinout. The
low ON-resistance of the switch allows connections to be made
with minimal propagation delay and while maintaining CMOS
low power dissipation.
The device comprises two 4-bit low-impedance switches with
separate output-enable ( OE ) inputs. When OE is low, the switch
is on and data can flow from port A to port B, or vice versa. When
OE
is high, the switch is open and a high-impedance state exists
between the two ports.
All inputs are equipped with protection circuits to guard
against static discharge.
Features
Pin Assignment (top view)
• Operating voltage: VCC = 2.0~3.6 V
• High speed: tpd = 0.31 ns (max) @ VCC = 3.0 V
• Low ON-resistance: RON = 5 Ω (typ.) @ VCC = 3.0 V
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Power-down protection for inputs ( OE input only)
• Package: VSSOP (US20)
• Pin compatible with the 74xx244 type
Weight: 0.03 g (typ.)
VCC
20
OE
2
1B1
2A4
19
18
17
OE
1
1
2
3
4
1A2
1A1
2B4
(top view)
1B2
16
2A3
1B3
2A2
15
14
13
2B3
5
6
7
8
1A4
1A3
2B2
1B4
2A1
12
11
9
10
GND
2B1


Numéro de pièce similaire - TC7MBL3244AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MBL3244AFK TOSHIBA-TC7MBL3244AFK Datasheet
185Kb / 7P
   Octal Low Voltage Bus Switch
More results

Description similaire - TC7MBL3244AFK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
   Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
   Octal Bus Switch
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
   Octal bus switch
logo
Toshiba Semiconductor
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
   OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
   OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
   Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
   Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
   OCTAL BUS SWITCH
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
   Octal bus switch
Rev. 3-5 January 2012
CBT3245A PHILIPS-CBT3245A Datasheet
123Kb / 12P
   Octal bus switch
2003 Jun 27
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com