Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MAR2245FK Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7MAR2245FK
Description  Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MAR2245FK Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7MAR2245FK Datasheet HTML 1Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 2Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 3Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 4Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 5Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 6Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 7Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 8Page - Toshiba Semiconductor TC7MAR2245FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TC7MAR2245FK
2007-10-19
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
0.5~4.6
V
DC input voltage (DIR,
OE )
VIN
0.5~4.6
V
0.5~4.6 (Note 2)
DC bus I/O voltage
VI/O
0.5~VCC + 0.5 (Note 3)
V
Input diode current
IIK
50
mA
Output diode current
IOK
±50
(Note 4)
mA
DC output current
IOUT
±50
mA
Power dissipation
PD
180
mW
DC VCC/ground current
ICC/IGND
±100
mA
Storage temperature
Tstg
65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Off-state
Note 3: High or low state. IOUT absolute maximum rating must be observed.
Note 4: VOUT < GND, VOUT > VCC
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.8~3.6
Supply voltage
VCC
1.2~3.6
(Note 2)
V
Input voltage (DIR,
OE )
VIN
0.3~3.6
V
0~3.6
(Note 3)
Bus I/O voltage
VI/O
0~VCC
(Note 4)
V
±12
(Note 5)
±8
(Note 6)
Output current
IOH/IOL
±4
(Note 7)
mA
Operating temperature
Topr
40~85
°C
Input rise and fall time
dt/dv
0~10
(Note 8)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and
bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with
VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note that the
output is not short-circuited.
Note 2: Data retention only
Note 3: Off-state
Note 4: High or low state
Note 5: VCC = 3.0~3.6 V
Note 6: VCC = 2.3~2.7 V
Note 7: VCC = 1.8 V
Note 8: VIN = 0.8~2.0 V, VCC = 3.0 V


Numéro de pièce similaire - TC7MAR2245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
147Kb / 9P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA138FK TOSHIBA-TC7MA138FK_07 Datasheet
224Kb / 10P
   Low Voltage 3-to-8 Line Decoder with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
173Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
TC7MA157FK TOSHIBA-TC7MA157FK Datasheet
223Kb / 11P
   Low Voltage Quad 2-Channel Multiplexer with 3.6 V Tolerant Inputs and Outputs
More results

Description similaire - TC7MAR2245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX541FT TOSHIBA-TC74VCX541FT_07 Datasheet
286Kb / 13P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com