Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7MA2573FK Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC7MA2573FK
Description  Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7MA2573FK Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC7MA2573FK_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 7Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 8Page - Toshiba Semiconductor TC7MA2573FK_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC7MA2573FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MA2573FK
Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
The TC7MA2573FK is a high performance CMOS octal D-type latch. Designed for use in 1.8 V, 2.5 V or 3.3 V
systems, it achieves high speed operation while maintaining the
CMOS low power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
This 8 bit D-type latch is controlled by a latch enable input
(LE) and an output enable input (OE).
When the OE input is high, the eight outputs are in a high
impedance state.
The 26 Ω series resistor helps reducing output overshoot and
undershoot without external resistor.
All inputs are equipped with protection circuits against static
discharge.
Features
• 26 Ω series resistors on outputs.
• Low voltage operation: VCC = 1.8~3.6 V
• High speed operation: tpd = 5.1 ns (max) (VCC = 3.0~3.6 V)
tpd = 6.1 ns (max) (VCC = 2.3~2.7 V)
tpd = 9.8 ns (max) (VCC = 1.8 V)
• 3.6 V tolerant inputs and outputs.
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: VSSOP (US)
• Power down protection is provided on all inputs and outputs.
Weight: 0.03 g (typ.)


Numéro de pièce similaire - TC7MA2573FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7MA2573FK TOSHIBA-TC7MA2573FK Datasheet
337Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - TC7MA2573FK_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC7MA373FK TOSHIBA-TC7MA373FK_07 Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX373FT TOSHIBA-TC74VCX373FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX16843FT TOSHIBA-TC74VCX16843FT_07 Datasheet
221Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com