Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8372-EVALZ1 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD8372-EVALZ1
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8372-EVALZ1 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD8372-EVALZ1 Datasheet HTML 4Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 5Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 6Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 7Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 8Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 9Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 10Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 11Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8372
Rev. 0 | Page 8 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, ZS = 150 Ω, ZL = 250 Ω, 1 V p-p differential output, both channels enabled, unless otherwise noted.
FREQUENCY (Hz)
–30
–20
–10
0
10
20
30
40
1M
10M
100M
1G
Figure 5. Gain vs. Frequency by Gain Code (All Codes),
Differential In, Differential Out
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
1020
304050
607080
90
HD3
FREQUENCY (MHz)
HD2
Figure 6. 2nd and 3rd Harmonic Distortion
0
10
20
30
40
50
60
70
80
90
100
0
1020
304050
607080
90
FREQUENCY (MHz)
OIP3 – AV = 32
OIP2 – AV = 32
OIP3 – AV = 10
OIP3 – AV = –9
OIP2 – AV = 10
OIP2 – AV = –9
Figure 7. OIP2 and OIP3
15
16
17
18
19
20
+25°C
+85°C
–40°C
0
1020304050
607080
90
FREQUENCY (MHz)
Figure 8. P1dB, Maximum Gain
0
FREQUENCY (MHz)
0
20
40
60
80
100
120
140
160
180
50000000
100000000
150000000
200000000
250000000
300000000
0
1
2
3
4
5
6
7
8
9
Figure 9. Input Equivalent Parallel Impedance
FREQUENCY (MHz)
0
10
20
30
40
50
60
70
0
1020304050
60708090
100
Figure 10. CMRR vs. Frequency


Numéro de pièce similaire - AD8372-EVALZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8372-EVALZ AD-AD8372-EVALZ Datasheet
751Kb / 16P
   Programmable Dual VGA
More results

Description similaire - AD8372-EVALZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
AD8375 AD-AD8375 Datasheet
237Kb / 6P
   24dB Range, 1dB Step Size Programmable VGA
Rev. PrB March 13, 2007
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
   31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com