Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8372-EVALZ1 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD8372-EVALZ1
Description  41 dB Range, 1 dB Step Size, Programmable Dual VGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8372-EVALZ1 Fiches technique(HTML) 5 Page - Analog Devices

  AD8372-EVALZ1 Datasheet HTML 1Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 2Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 3Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 4Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 5Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 6Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 7Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 8Page - Analog Devices AD8372-EVALZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8372
Rev. 0 | Page 5 of 16
SERIAL CONTROL INTERFACE TIMING
DON'T CARE
WRITE BIT
LSB
LSB + 1
LSB + 2
MSB – 2
MSB – 1
MSB
tDH
tDS
tLH
tLS
tPW
tCLK
NOTES
1. THE FIRST SDI BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL GAIN WORD REGISTER. FOR A
WRITE OPERATION, THE FIRST BIT SHOULD BE A HIGH LOGIC LEVEL, FOR A READ OPERATION THE FIRST BIT SHOULD BE A LOGIC 1.
THE GAIN WORD BIT IS THEN REGISTERED INTO THE SDI PIN ON THE NEXT RISING CLOCK.
CLK1 OR CLK2
LCH1 OR LCH2
SDI1 OR SDI2
Figure 2. Write Mode Timing Diagram
tLH
tDH
tDS
tLS
tPW
tCLK
DC
DC
READ BIT
DC
DC
DC
DC
DC
LSB
LSB + 1
LSB + 2
MSB – 2
MSB – 1
MSB
NOTES
1. THE GAIN WORD BIT IS UPDATED AT THE SDO PIN ON THE FALLING CLOCK EDGE.
CLK1 OR CLK2
LCH1 OR LCH2
SDI1 OR SDI2
SDO1 OR SDO2
tD
Figure 3. Read Mode Timing Diagram
Table 3. Serial Programming Timing Parameters
Parameter
Min
Unit
Clock Pulse Width (tPW)
10
ns
Clock Period (tCK)
20
ns
Write Mode
Setup Time Data vs. Clock (tDS)
0.0
ns
Hold Time Data vs. Clock (tDH)
1.6
ns
Setup Time Latch vs. Clock (tLS)
−1.8
ns
Hold Time Latch vs. Clock (tLH)
2.0
ns
Read Mode
Clock to Data Out (tD)
4.5
ns


Numéro de pièce similaire - AD8372-EVALZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8372-EVALZ AD-AD8372-EVALZ Datasheet
751Kb / 16P
   Programmable Dual VGA
More results

Description similaire - AD8372-EVALZ1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8372 AD-AD8372_15 Datasheet
555Kb / 16P
   41 dB Range, 1 dB Step Size, Programmable Dual VGA
REV. B
ADL5205 AD-ADL5205 Datasheet
1Mb / 32P
   Dual, 35 dB Range, 1 dB Step Size DGA
ADL5206 AD-ADL5206 Datasheet
1,010Kb / 25P
   1.0 GHz DGA with 30 dB Range and 1 dB Step Size
AD8375 AD-AD8375 Datasheet
237Kb / 6P
   24dB Range, 1dB Step Size Programmable VGA
Rev. PrB March 13, 2007
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
logo
Pasternack Enterprises,...
PE70A5002 PASTERNACK-PE70A5002 Datasheet
543Kb / 7P
   Step Resolution of 1 dB
PE70A3901 PASTERNACK-PE70A3901 Datasheet
335Kb / 3P
   Step Resolution of 1 dB
PE70A3900 PASTERNACK-PE70A3900 Datasheet
477Kb / 8P
   Step Resolution of 1 dB
logo
Guerrilla RF, Inc.
GRF6402W GUERRILLA-GRF6402W Datasheet
1Mb / 24P
   31.75 dB RANGE / 0.25 dB STEP DSA 0.05 to 6 GHz
January 26, 2023
logo
Analog Devices
ADL5331 AD-ADL5331 Datasheet
702Kb / 16P
   1 MHz to 1.2 GHz VGA with 30 dB Gain Control Range
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com