Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB11NM60N-1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STB11NM60N-1
Description  N-channel 600V - 0.37廓 - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh??Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60N-1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STB11NM60N-1 Datasheet HTML 1Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 2Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 3Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 4Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 5Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 6Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 7Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 8Page - STMicroelectronics STB11NM60N-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
October 2007
Rev 3
1/18
18
STD11NM60N-1 - STB11NM60N-1
STD11NM60N-STP11NM60N-STF11NM60N
N-channel 600V - 0.37
Ω - 10A - TO-220/FP- I/I2PAK - DPAK
second generation MDmesh™ Power MOSFET
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
This series of devices is designed using the
second generation of MDmesh™ Technology.
This revolutionary Power MOSFET associates a
new vertical structure to the Company’s strip
layout to yield one of the world’s lowest on-
resistance and gate charge. It is therefore suitable
for the most demanding high efficiency
converters.
Figure 1.
Internal schematic diagram
Type
VDSS
(@TJmax)
RDS(on)
ID
STB11NM60N-1
650 V
< 0.45
10 A
STD11NM60N
650 V
< 0.45
10 A
STD11NM60N-1
650 V
< 0.45
10 A
STF11NM60N
650 V
< 0.45
10 A(1)
1.
Limited only by maximum temperature allowed
STP11NM60N
650 V
< 0.45
10 A
TO-220
TO-220FP
DPAK
IPAK
1
2
3
1
2
3
1
3
3
2
1
1
2
3
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB11NM60N-1
B11NM60N
I²PAK
Tube
STD11NM60N-1
D11NM60N
IPAK
Tube
STD11NM60N
D11NM60N
DPAK
Tape & reel
STP11NM60N
P11NM60N
TO-220
Tube
STF11NM60N
F11NM60N
TO-220FP
Tube
www.st.com


Numéro de pièce similaire - STB11NM60N-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB11NM60N-1 STMICROELECTRONICS-STB11NM60N-1 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB11NM60N-1 STMICROELECTRONICS-STB11NM60N-1 Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
logo
Inchange Semiconductor ...
STB11NM60N-1 ISC-STB11NM60N-1 Datasheet
357Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Description similaire - STB11NM60N-1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STD11NM60ND STMICROELECTRONICS-STD11NM60ND Datasheet
530Kb / 18P
   N-channel 600V - 0.37廓 - 10A - FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
   N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com