Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5665 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FAN5665
Description  High-Efficiency, Adaptive Charge Pump 5V Boost
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5665 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FAN5665 Datasheet HTML 1Page - Fairchild Semiconductor FAN5665 Datasheet HTML 2Page - Fairchild Semiconductor FAN5665 Datasheet HTML 3Page - Fairchild Semiconductor FAN5665 Datasheet HTML 4Page - Fairchild Semiconductor FAN5665 Datasheet HTML 5Page - Fairchild Semiconductor FAN5665 Datasheet HTML 6Page - Fairchild Semiconductor FAN5665 Datasheet HTML 7Page - Fairchild Semiconductor FAN5665 Datasheet HTML 8Page - Fairchild Semiconductor FAN5665 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5665 • Rev. 1.0.0
2
Pin Configuration
Figure 2. Pin Configuration
Pin Definitions
Pin #
Name
Description
A1
C1-
Bucket capacitor 1
. Connect this pin to the negative terminal of the bucket (flying) capacitor.
A2
GND
Ground
.
A3
EN
Enable
. Enables the IC when high. Disables the IC when low and enters shutdown mode.
No internal pull-up or pull-down; this pin should not be left floating.
B1
C1+
Bucket capacitor 1
. Connect this pin to the positive terminal of the bucket (flying) capacitor.
B3
VIN
Power input
.
C1
VOUT
Regulated 5V output
.
C2
C2+
Bucket capacitor 2
. Connect this pin to the positive terminal of the bucket (flying) capacitor.
C3
C2-
Bucket capacitor 2
. Connect this pin to the negative terminal of the bucket (flying) capacitor.


Numéro de pièce similaire - FAN5665

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
More results

Description similaire - FAN5665

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
140Kb / 9P
   High Efficiency Buck/Boost Charge Pump Regulator
SP6680 SIPEX-SP6680 Datasheet
251Kb / 12P
   High Efficiency Buck/Boost Charge Pump Regulator
logo
Jiaxing Heroic Technolo...
HT8310 HEROIC-HT8310 Datasheet
601Kb / 4P
   Built-in high efficiency adaptive charge pump boost, anti-shaving distortion, D/AB switching
logo
Fairchild Semiconductor
FAN5616 FAIRCHILD-FAN5616 Datasheet
917Kb / 14P
   High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
logo
Analog Devices
LTC3290 AD-LTC3290 Datasheet
1Mb / 14P
   High Voltage Boost Charge Pump
08/19 Rev. 0
logo
Will Semiconductor Ltd.
WAA2995 WILLSEMI-WAA2995 Datasheet
1Mb / 15P
   Adaptive Charge-Pump Audio Amplifier
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com