Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST15-1215S Fiches technique(PDF) 2 Page - Astrodyne Corporation

No de pièce ST15-1215S
Description  Isolated and Regulated 15 Watt Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ST15-1215S Fiches technique(HTML) 2 Page - Astrodyne Corporation

  ST15-1215S Datasheet HTML 1Page - Astrodyne Corporation ST15-1215S Datasheet HTML 2Page - Astrodyne Corporation ST15-1215S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 15 Watt Modular DC/DC Converters
S T 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage, Nominal
12VDC, 24VDC, 48VDC
Input Voltage Ranges
9-18, 18-36, 36-75 VDC
Input Surge Voltage
50V (12/24V Models), *
100V (48V Models), *
10 mS duration, min.
Input Fusing
4A: 12/24Vin Models
2A: 48Vin Models
Input Filter
PI Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Max. Output Power
13.2 Watts 3.3VDC O/P
15 Watts all others
Voltage Accuracy
+/-2%
Load Regulation
10% - FL
+/-1%
Line Regulation
HL-LL
+/-0.5%
Temperature Coefficient
+/-0.02%/°C
Ripple
<0.2% Vout + 20mV (Vp-p) max.
Noise
<0.5% Vout + 50mV (Vp-p) max.
Overvoltage Protection
Zener Diode Clamp *
Overcurrent Protection
120% of Rated, Auto Recovery
Short Circuit Protection
Current Limit, self-recovering
Efficiency
3.3 Vout = 79%
5 Vout = 82%
12, 15 & 24 Vout = 83%
PHYSICAL SPECIFICATIONS
Dimensions
2”x1”x0.413”
Case Material
Nickel Coated Copper
with Non-Conductive Base
Connected to O/P Ground
Construction
Fully Encapsulated
Weight
1.1 oz, (30g)
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
Input-Output Resistance
10-9th Ohms
In/Out Capacitance
1000 pF
Switching Frequency
400Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-20 to +60°C(See Derate)
Storage Temperature
-55 to +105°C *
Maximum Case Temp
95°C *
Humidity
95%RH *
Cooling
Free Air Convection
MTBF
>800,000 Hrs @ 25°C
MIL-HDBK-217F
EMI (Conducted & Radiated)
EN 55022 class A
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Numéro de pièce similaire - ST15-1215S

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ST15-1215S ASTRODYNE-ST15-1215S Datasheet
235Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
More results

Description similaire - ST15-1215S

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15_16 Datasheet
235Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com