Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST15-1212S Fiches technique(PDF) 1 Page - Astrodyne Corporation

No de pièce ST15-1212S
Description  Isolated and Regulated 15 Watt Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ST15-1212S Fiches technique(HTML) 1 Page - Astrodyne Corporation

  ST15-1212S Datasheet HTML 1Page - Astrodyne Corporation ST15-1212S Datasheet HTML 2Page - Astrodyne Corporation ST15-1212S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 15 Watt Modular DC/DC Converters
S T 1 5 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Wide 2 : 1 Input Range
High Efficiency
Regulated Outputs
1600V Isolation
Full EMI Shielding
Standard Pinouts
Model Number
Output Voltage
Output Amps
Input Range
ST15-123.3S
3.3 VDC
4
9-18VDC
ST15-243.3S
4
18-36VDC
ST15-483.3S
4
36-75VDC
ST15-125S
5 VDC
3
9-18VDC
ST15-245S
3
18-36VDC
ST15-485S
3
36-75VDC
ST15-1212S
12 VDC
1.25
9-18VDC
ST15-2412S
1.25
18-36VDC
ST15-4812S
1.25
36-75VDC
ST15-1215S
15 VDC
1
9-18VDC
ST15-2415S
1
18-36VDC
ST15-4815S
1
36-75VDC
ST15-1224S
24 VDC
0.625
9-18VDC
ST15-2424S
0.625
18-36VDC
ST15-4824S
0.625
36-75VDC
Order On-Line!
astrodyne.com
Unit measures 1”W x 2”L x 0.41”H


Numéro de pièce similaire - ST15-1212S

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ST15-1212S ASTRODYNE-ST15-1212S Datasheet
235Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
More results

Description similaire - ST15-1212S

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ST15 ASTRODYNE-ST15_16 Datasheet
235Kb / 3P
   Isolated and Regulated 15 Watt Modular DC/DC Converters
logo
List of Unclassifed Man...
ASD15 ETC2-ASD15 Datasheet
323Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
FEC15 ASTRODYNE-FEC15_16 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD15 ASTRODYNE-ASD15 Datasheet
263Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
FEC15 ASTRODYNE-FEC15 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com