Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP-75D Fiches technique(PDF) 3 Page - Astrodyne Corporation

No de pièce TP-75D
Description  75W Triple Output with PFC Function
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

TP-75D Fiches technique(HTML) 3 Page - Astrodyne Corporation

  TP-75D Datasheet HTML 1Page - Astrodyne Corporation TP-75D Datasheet HTML 2Page - Astrodyne Corporation TP-75D Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T P - 7 5 series
75W Triple Output with PFC Function
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
Mechanical�Specification
Derating�Curve
Output�Derating�VS�Input�Voltage
File�Name:TP-75-SPEC���2005-09-13
Case�No.�920A
Unit:mm
AMBIENT�TEMPERATURE�(
)
INPUT�VOLTAGE�(VAC)�60Hz
85
100
115
125
155
230
264
Ta=25
Terminal�pin�number�assignment�:
Pin�No.
Pin�No.
1
4
6
8
2,3
5
7
Assignment
Assignment
DC�OUTPUT +V2
DC�OUTPUT +V1
DC�OUTPUT +V3
COM
FG
AC/N
AC/L
10
20
30
40
50
60
70
20
40
60
80
100
-10
0
+ADJ.
4
8
6
7
55
2
3
1
LED
25
117
179
4-M4�L=6mm
2-M4�L=4mm
60
65
90
100
80
70
60
50
40
With�18CFM
Forced AIR
(15cm)
Convection
T P - 7 5 series
75W Triple�Output�with�PFC�Function


Numéro de pièce similaire - TP-75D

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
TP-75D MEANWELL-TP-75D Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
More results

Description similaire - TP-75D

FabricantNo de pièceFiches techniqueDescription
logo
RSG Electronic Componen...
TP-75 RSG-TP-75 Datasheet
182Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
TP75 ASTRODYNE-TP75 Datasheet
322Kb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_12 Datasheet
607Kb / 3P
   75W Triple Output with PFC Function
TP-75 MEANWELL-TP-75 Datasheet
594Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
TP75DRL ASTRODYNE-TP75DRL Datasheet
1Mb / 4P
   75W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-75 MEANWELL-TP-75_10 Datasheet
609Kb / 3P
   75W Triple Output with PFC Function
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com