Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA76432FT Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TA76432FT
Description  1.26-V Adjustable High-Precision Shunt Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA76432FT Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TA76432FT_06 Datasheet HTML 1Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 2Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 3Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 4Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 5Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 6Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 7Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 8Page - Toshiba Semiconductor TA76432FT_06 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TA76432FT/FC/F/FR/S
2006-11-06
4
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Cathode voltage
VKA
20
V
Cathode current
IK
20
mA
Cathode-anode reverse current
−IK
10
mA
Reference voltage
VREF
7
V
Reference current
IREF
50
μA
Reference-anode reverse current
−IREF
10
mA
TA76432FT
0.45 (Note 1)
0.2
TA76432FC
0.38 (Note 2)
TA76432F/FR
0.5
Power dissipation
TA76432S
PD
0.8
W
TA76432FT
277 (Note 1)
625
TA76432FC
328 (Note 2)
TA76432F/FR
250
Thermal resistance
TA76432S
Rth
156
ºC/W
Operating temperature
Topr
−40∼85
ºC
Junction temperature
Tj
150
ºC
Storage temperature
Tstg
−55∼150
ºC
Note 1: Glass epoxy board mounting: 30 mm
× 30 mm × 0.8 mmt (Cu pad area 35 mm
2
)
Note 2: Glass epoxy board mounting: 30 mm
× 30 mm × 0.8 mmt (Cu pad area 50 mm
2
)
Note 3: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Cathode voltage
VKA
VREF
19
V
Cathode current
IK
0.5
15
mA
Operating temperature
Topr
−40
85
°C


Numéro de pièce similaire - TA76432FT_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA76432FT TOSHIBA-TA76432FT Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
More results

Description similaire - TA76432FT_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA76432FC TOSHIBA-TA76432FC Datasheet
248Kb / 12P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76432AFT TOSHIBA-TA76432AFT Datasheet
257Kb / 11P
   1.26-V Adjustable High-Precision Shunt Regulators
TA76L431FB TOSHIBA-TA76L431FB Datasheet
202Kb / 8P
   2.495 V Adjustable High-Precision Shunt Regulators
TA76L431FT TOSHIBA-TA76L431FT Datasheet
253Kb / 9P
   2.49-V Adjustable High-Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com