Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QIQ1245001 Fiches technique(PDF) 1 Page - Powerex Power Semiconductors

No de pièce QIQ1245001
Description  Low side Chopper IGBT Module 1200V 450A IGBT / 1200V 750A Fast Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  POWEREX [Powerex Power Semiconductors]
Site Internet  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QIQ1245001 Fiches technique(HTML) 1 Page - Powerex Power Semiconductors

  QIQ1245001 Datasheet HTML 1Page - Powerex Power Semiconductors QIQ1245001 Datasheet HTML 2Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QIQ1245001
Powerex, Inc., 200 Hillis St., Youngwood 15697 (724) 925-7272
Low side Chopper IGBT Module
1200V 450A IGBT / 1200V 750A Fast Diode
Preliminary
Page 1
4/22/2002
Outline Drawing and Circuit Diagram
n
Description:
Powerex Low Side Chopper
IGBT Module is designed
specially for customer applications. The
modules are isolated for easy mounting
with other components on a common
heatsink.
Features:
Low Drive Requirement
Low VCE(sat)
Super Fast Diode
(3) F Series 150A 1200V
Trench Gate Chips per IGBT
(5) F Series 150A 1200V
Chips per Diode
Isolated Baseplate for Easy
Heat Sinking
Al2O3 DBC Ceramic
Low Thermal Impedance
Applications:
Choppers
Welding Power Supplies
Dim
Inches
Millimeters
A
4.33
110.0
B
3.15
80.0
C
1.14+0.04/-0.02
29.0+1.0/-0.5
D
3.66
±0.01
93.0
±0.25
E
2.44
±0.01
62.0
±0.25
F
0.83
21.0
G
0.16
4.0
H
0.24
6.0
J
0.59
15.0
Dim
Inches
Millimeters
K
0.55
14.0
M
0.33
8.5
P
0.94
24.0
Q
0.98
25.0
R
0.86
21.75
S
M6
M6
T
0.26 Dia.
6.5 Dia.
V
0.02
0.5
W
0.11
2.79
X
1.08
27.35


Numéro de pièce similaire - QIQ1245001

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
QIQ0630003 POWEREX-QIQ0630003 Datasheet
93Kb / 2P
   Low side Chopper IGBT Module
QIQ0645001 POWEREX-QIQ0645001 Datasheet
74Kb / 3P
   Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
QIQ0645002 POWEREX-QIQ0645002 Datasheet
77Kb / 2P
   Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
QIQ0660001 POWEREX-QIQ0660001 Datasheet
168Kb / 3P
   IGBT H-Series Chopper Hermetic Module (600 Amperes/600 Volts)
More results

Description similaire - QIQ1245001

FabricantNo de pièceFiches techniqueDescription
logo
MacMic
MMG450D120B6TN MACMIC-MMG450D120B6TN Datasheet
378Kb / 5P
   1200V 450A IGBT Module
MMG450WB120B6TN MACMIC-MMG450WB120B6TN Datasheet
538Kb / 6P
   1200V 450A IGBT Module
MMG450WE120B6TC MACMIC-MMG450WE120B6TC Datasheet
388Kb / 6P
   1200V 450A IGBT Module
MMG450WB120B6E4N MACMIC-MMG450WB120B6E4N Datasheet
1Mb / 6P
   1200V 450A IGBT Module
MMG450D120UA6TC MACMIC-MMG450D120UA6TC Datasheet
533Kb / 6P
   1200V 450A IGBT Module
MMG450WB120B6TC MACMIC-MMG450WB120B6TC Datasheet
351Kb / 6P
   1200V 450A IGBT Module
MMG450D120B6TC MACMIC-MMG450D120B6TC Datasheet
746Kb / 6P
   1200V 450A IGBT Module
logo
Powerex Power Semicondu...
QIQ0645001 POWEREX-QIQ0645001 Datasheet
74Kb / 3P
   Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
QIQ0645002 POWEREX-QIQ0645002 Datasheet
77Kb / 2P
   Low side Chopper IGBT Module 600V 450A IGBT / 600V 450A Fast Diode
logo
Nihon Inter Electronics...
PCHMB100B12 NIEC-PCHMB100B12 Datasheet
121Kb / 3P
   IGBT MODULE Chopper 100A 1200V
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com