Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFM20-15 Fiches technique(PDF) 2 Page - Astrodyne Corporation

No de pièce LFM20-15
Description  20W Ultraminiature Open Frame Switching Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

LFM20-15 Fiches technique(HTML) 2 Page - Astrodyne Corporation

  LFM20-15 Datasheet HTML 1Page - Astrodyne Corporation LFM20-15 Datasheet HTML 2Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20W Ultraminiature Open Frame Switching Power Supplies
L F M 2 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Range
85-265 VAC
Frequency Range
47-63 Hz
Inrush Current, typ:
20A@100V, 40A@200V Input *
Leakage Current
3.5mA max.
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation (10%-FL)
+/- 1%
Line Regulation (LL-HL, FL)
+/- 0.5%
Voltage Accuracy
+/- 1%
Temperature Coefficient
+/-0.05%/°C
Ripple/Noise
See Selection Chart (NOTE 1)
Short Circuit Protection
Continuous
Hold Up Time
16 mS, typ @ 115VAC
GENERAL SPECIFICATIONS
Input-Out Isolation
3000VAC
Efficiency
See Selection Chart
Safety
UL60950, EN60950
PHYSICAL SPECIFICATIONS
Size
0.156 Connectors
3.5” x 2.0” x 0.80” (NOTES 2 & 3)
PCB Pins
3.5” x 2.0” x 1.0”
Construction
Open Frame
Weight
0.156 Connectors
3.1 oz (88g)
PCB Pins
3.3 oz (93g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +45°C
Cooling
Free Air Convection
Storage Temperature
-20 to +85°C *
MECHANICAL SPECIFICATIONS
NOTES:
1) Add a 0.1uF ceramic capacitor and a 10uF E.L.capacitor to output for Ripple
& Noise (R & N) measuring @ 20MHz BW.
2) Input Connector Mates with Molex Housing 09-50-3031 and Molex 2878
Series Crimp Terminal
3) Output Connector Mates with Molex Housing 09-50-3041 and Molex 2878
Series Crimp Terminal
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.
0.15(3.8)
0.23(6.05) 0.13(3.30)(4PL)
0.150(3.81)
3.2(81.28)
3.50(88.9)
0.070(1.78)
0.040(1.02)
0.24(6.12)
0.62(15.75)
0.15(3.96)
ACN
ACL
+Vout
-Vout
VR


Numéro de pièce similaire - LFM20-15

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
LFM20-15 ASTRODYNE-LFM20-15 Datasheet
285Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
LFM20-15P ASTRODYNE-LFM20-15P Datasheet
285Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
More results

Description similaire - LFM20-15

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
LFM20 ASTRODYNE-LFM20_16 Datasheet
285Kb / 2P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20 Datasheet
565Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
OFM20 ASTRODYNE-OFM20_16 Datasheet
179Kb / 3P
   20W Ultraminiature Open Frame Switching Power Supplies
EFM10 ASTRODYNE-EFM10 Datasheet
619Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM15 ASTRODYNE-EFM15 Datasheet
566Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
OFM15 ASTRODYNE-OFM15 Datasheet
654Kb / 4P
   15W Ultraminiature Open Frame Switching Power Supplies
ASL60 ASTRODYNE-ASL60 Datasheet
726Kb / 4P
   60W Ultraminiature Open Frame Switching Power Supplies
OFM10 ASTRODYNE-OFM10 Datasheet
711Kb / 4P
   10W Ultraminiature Open Frame Switching Power Supplies
EFM5 ASTRODYNE-EFM5 Datasheet
684Kb / 4P
   5W Ultraminiature Open Frame Switching Power Supplies
ASL40 ASTRODYNE-ASL40 Datasheet
726Kb / 4P
   40W Ultraminiature Open Frame Switching Power Supplies
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com