Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC10-24S05 Fiches technique(PDF) 2 Page - Astrodyne Corporation

No de pièce FDC10-24S05
Description  Isolated and Regulated 10 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

FDC10-24S05 Fiches technique(HTML) 2 Page - Astrodyne Corporation

  FDC10-24S05 Datasheet HTML 1Page - Astrodyne Corporation FDC10-24S05 Datasheet HTML 2Page - Astrodyne Corporation FDC10-24S05 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 10 WATT Modular DC/DC Converters
F D C 1 0 series
300 Myles Standish Blvd., Taunton, MA 02780
Ph: 1-800-823-8082
Fax: 508-823-8181
WWW.ASTRODYNE.COM
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
Pi Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
singles: +/-1%
10% - FL
duals: +/-2%
Line Regulation
+/-1%
Temperature Coefficient
+/-0.02%/DegC
Ripple/Noise(Single/Dual)
(50 / 75) mV Pk-Pk, typ
Voltage Stability
+/- 2%
Voltage Balance, Dual
+/-1%
Transient Response Recovery
25% Load Step Change
500 microSeconds
Short Circuit Protection
Continuous, self-recovering
Overvoltage Protection Threshold: 3.3V Output
3.9Volts
5V Output
6.2Volts
12V Output
15Volts
15V Output
18Volts
GENERAL SPECIFICATIONS
Input-Out Isolation
1600VDC
In/Out Capacitance
1000 pF
Isolation Resistance
10000 M Ohms
Efficiency
80%, typ
Switching Frequency
300Khz
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71 DegC(FL)
Storage Temperature
-55 to +125 DegC *
Maximum Case Temp
110 DegC *
MTBF
1.97 MHrs
MIL-HDBK-217F TA=25C FL
PHYSICAL SPECIFICATIONS
Case Material
Nickel-Coated Copper
Non-Conductive Base
Construction
Fully Encapsulated
Weight
1.1 oz, (30g)
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted
Astrodyne products are not authorized or warranteed for use
as critical components in life support systems, equipment used
in hazardous environments, nuclear controls systems, or other
mission-critical applications.


Numéro de pièce similaire - FDC10-24S05

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FDC10-24S05 ETC1-FDC10-24S05 Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Power Mate Technology C...
FDC10-24S05 P-DUKE-FDC10-24S05 Datasheet
341Kb / 3P
   10 WATTS OUTPUT POWER
FDC10-24S05 P-DUKE-FDC10-24S05 Datasheet
425Kb / 3P
   10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-24S05 ASTRODYNE-FDC10-24S05 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
FDC10-24S05W ETC1-FDC10-24S05W Datasheet
98Kb / 2P
   10 watts of output power from a 2 x 1 x 0.4 inch package
More results

Description similaire - FDC10-24S05

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
FDC10 ASTRODYNE-FDC10_16 Datasheet
206Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10 Datasheet
849Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10 Datasheet
411Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ASD10 ASTRODYNE-ASD10_16 Datasheet
355Kb / 3P
   Isolated and Regulated 10 WATT Modular DC/DC Converters
ST10 ASTRODYNE-ST10_16 Datasheet
262Kb / 3P
   Isolated and Regulated 10 Watt Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com