Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA7259P Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TA7259P
Description  3-PHASE BRUSHLESS DC MOTOR DRIVER IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA7259P Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TA7259P_06 Datasheet HTML 5Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 6Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 7Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 8Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 9Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 10Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 11Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 12Page - Toshiba Semiconductor TA7259P_06 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TA7259P/F/FG
2006-4-14
9
Notes on handling the IC
Motor drive ICs are easily affected by parasitic vibration and unnecessary feedback. This is because the
number of high impedance pins, such as position sensing inputs and control signal inputs, is large, and the
output current value is high and switched.
Moreover, because it is coil loading, care must be taken not to allow the impulse to destroy the IC during
ON/OFF switching. Especially when using a high voltage supply (Vcc is 18V or more), care must be taken not to
apply voltage and current to the output transistor which exceed the specification. Use of a supply voltageof 18V
or less is recommended. Pay particular attention to the notes above when using a supply voltage over 18V.
(1) Notes in designing reliability
) Do not expose the output transistor of the internal IC to high voltage and current,
especially, in motor lock status, ON/OFF switching of Vcc, output short-circuiting, etc.)
) The output condenser for ringing absorption should be as small as possible because the output
transistor can be destroyed by the charge-discharge current of this condenser. When there is a
problem, adjusting the capacity of the condenser, the connecting position and the connecting method
(delta or star), and inserting a series resistor (of a few Ω to dozens of Ω) to the condenser and series
should provide the oscillating protection explained later.
) In mounting to the print-board, do not stress the FIN, and solder for only a few seconds at 260℃.
) Using the large earth area of the print-board to release heat from the FIN is effective in ensuring
reliability.
(2) Notes in wiring
To protect from parasitic vibration, design the print-pattern following the method below.
)
The output coil current path must be separated from other GND lines because a switched high
current flows in this path. It is very important that the line (RF pin→RF resister→GND) should not
be of a common impedance with other circuits.
If the above is impossible or the oscillation cannot be removed completely, connect the condenser
(0.01∼0.1µF) and RF in parallel.
図 2.
TA7259P/F/FG
Avoid common impedance with other circuits
Fig. 2


Numéro de pièce similaire - TA7259P_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA7259PLB TOSHIBA-TA7259PLB Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
More results

Description similaire - TA7259P_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
ON Semiconductor
ENA2290 ONSEMI-ENA2290 Datasheet
413Kb / 20P
   3-phase Brushless DC Motor Driver
March, 2014
logo
New Japan Radio
NJU7364 NJRC-NJU7364 Datasheet
146Kb / 6P
   Single-phase DC Brushless Motor Driver IC
NJU7326 NJRC-NJU7326 Datasheet
69Kb / 3P
   Single-phase DC Brushless Motor Driver IC
NJU7328 NJRC-NJU7328 Datasheet
37Kb / 3P
   SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC
NJU7367 NJRC-NJU7367 Datasheet
81Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7367A NJRC-NJU7367A Datasheet
85Kb / 7P
   Single-phase DC Brushless Motor Driver IC
NJU7366 NJRC-NJU7366 Datasheet
75Kb / 6P
   Single-phase DC Brushless Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com