Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2136FG Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TA2136FG
Description  Sound Retrieval System; 3D Sound IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2136FG Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TA2136FG Datasheet HTML 1Page - Toshiba Semiconductor TA2136FG Datasheet HTML 2Page - Toshiba Semiconductor TA2136FG Datasheet HTML 3Page - Toshiba Semiconductor TA2136FG Datasheet HTML 4Page - Toshiba Semiconductor TA2136FG Datasheet HTML 5Page - Toshiba Semiconductor TA2136FG Datasheet HTML 6Page - Toshiba Semiconductor TA2136FG Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TA2136FG/NG
2006-04-27
3
Application Circuit
Mode
Mode1
Mode2
Bypass
L
3D mono
H
L
3D stereo
H
H
Level
Test
(Note 2)
MNGN
(Note 3)
L
−3dB
0dB
H
0dB
−6dB
Note 2: Usually, it is used by fixing to “L” level.
Note 3: Usually, it is not concerned with an L channel input or L and R channel input, but is used by fixing to “L”
level.
Note 4: The Sound Retrieval System (SRS) technology rights incorporated in the TA2136FG/NG are owned by SRS
Labs, a US Corporation and licensed to Toshiba Semiconductor. The Sound Retrieval System (SRS) is
protected under US and foreign patents used and/or pending. The Sound Retrieval System (SRS), the
and SRS symbol, are trademarks of SRS Labs, Inc. in the United States and selected foreign countries.
Neither the purchase of the TA2136FG/NG, nor the corresponding sale of audio enhancement equipment
conveys the right to sell commercialized recordings made with any SRS technology. SRS Labs requires that
all users of the TA2136FG/NG must enter into a license agreement directly with SRS Labs and comply with
all rules and regulations as outlined in the SRS Trademark Usage Manual.
R
− L
L
+ R
VCC
Vref
110 k
1.3 k
47 k
51 k
0.47
µF
4700 pF
0.1
µF
Lch-IN
Rch-IN
Lch-OUT
Rch-OUT
+
51 k
Ω 51 kΩ
Center
Space
8
9
7
5
6
4
3
2
1
12
11
10
17
16
18
20
19
21
22
23
24
13
14
15
MODE1 MODE2
TEST
MNGN
Mode selector
Vref
3D FILTER


Numéro de pièce similaire - TA2136FG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2136F TOSHIBA-TA2136F Datasheet
145Kb / 7P
   TOSHIBA Bipolar Liner Integrated Circuit Silicon Monolithic
More results

Description similaire - TA2136FG

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4237B CIRRUS-CS4237B Datasheet
1Mb / 114P
   CrystalClear Advanced Audio System with 3D Sound
logo
Mitsubishi Electric Sem...
M62438FP MITSUBISHI-M62438FP Datasheet
190Kb / 12P
   SRS 3D SOUND PROCESSOR
M62458FP MITSUBISHI-M62458FP Datasheet
45Kb / 6P
   SRS 3D SOUND PROCESSOR
logo
Renesas Technology Corp
M62458FP RENESAS-M62458FP Datasheet
2Mb / 7P
   SRS 3D SOUND PROCESSOR
logo
Mitsubishi Electric Sem...
M62455P MITSUBISHI-M62455P Datasheet
198Kb / 12P
   SRS 3D SOUND PROCESSOR
logo
Renesas Technology Corp
M62438FP RENESAS-M62438FP Datasheet
115Kb / 7P
   Simplified SRS 3D Sound Processor
logo
Samsung semiconductor
KA2102A SAMSUNG-KA2102A Datasheet
148Kb / 4P
   TV SOUND SYSTEM
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
   Sound Processor IC
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com