Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2131FLG Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TA2131FLG
Description  Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2131FLG Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TA2131FLG Datasheet HTML 2Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 3Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 4Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 5Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 6Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 7Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 8Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 9Page - Toshiba Semiconductor TA2131FLG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TA2131FLG
2006-04-19
6
Terminal No.
Terminal Explanation
InternaL Circuit
Terminal
Voltage
(V)
19
MT TC
Mute smoothing
Power mute switch
Reduces the shock
noise during switching
1.2
20
VCC1
Main VCC
2.8
19
20


Numéro de pièce similaire - TA2131FLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
More results

Description similaire - TA2131FLG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2131FN TOSHIBA-TA2131FN Datasheet
280Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FNG TOSHIBA-TA2131FNG Datasheet
412Kb / 19P
   Low Current Consumption Headphone Amplifier for Portable MD Player (With Bass Boost Function)
TA2131FL TOSHIBA-TA2131FL Datasheet
857Kb / 21P
   LOW CURRENT CONSUMPTION GEADPHONE AMPLIFIER FOR PORTABLE MD PLAYER (WITH BASS BOOST FUNCTION)
logo
Mitsumi Electronics, Co...
LAG668 MITSUMI-LAG668 Datasheet
134Kb / 5P
   IC for Headphone Stereos (bass boost)
logo
Toshiba Semiconductor
TA2120FNG TOSHIBA-TA2120FNG Datasheet
253Kb / 17P
   Low Consumption Current Stereo Headphone Power Amplifier for Portable CD (3V Use)
logo
List of Unclassifed Man...
CFS308 ETC2-CFS308 Datasheet
713Kb / 1P
   BEST SUITED FOR PORTABLE WITH LOW CURRENT CONSUMPTION
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
   LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
   LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
   Headphone Amplifier for Portable Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com