Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2030FN Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TA2030FN
Description  TV / FM System F / E (1.5V USE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2030FN Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TA2030FN Datasheet HTML 1Page - Toshiba Semiconductor TA2030FN Datasheet HTML 2Page - Toshiba Semiconductor TA2030FN Datasheet HTML 3Page - Toshiba Semiconductor TA2030FN Datasheet HTML 4Page - Toshiba Semiconductor TA2030FN Datasheet HTML 5Page - Toshiba Semiconductor TA2030FN Datasheet HTML 6Page - Toshiba Semiconductor TA2030FN Datasheet HTML 7Page - Toshiba Semiconductor TA2030FN Datasheet HTML 8Page - Toshiba Semiconductor TA2030FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TA2030FN
2002-10-30
4
Terminal
Voltage(V)
Termi
-
nal
No.
Terminal
Name
Function
Internal Circuit
FM
TV
10
OSC OUT
Output of OSC buffer
circuit.
1.1
1.1
11
FM OSC
FM OSC tank circuit is
connected.
(colpitts type oscillator)
1.2
1.2
12
TV OSC
TV OSC tank circuit is
connected.
(colpitts type oscillator)
1.2
1.2
13
VCC
VCC
1.2
1.2
16
GND
GND(except RF part)
0
0
Application Note
1. PW SW
It is necessary to connect an external pull-down resistor with the terminal PW SW (pin(7)), in case that this IC
is turned on due to external noise etc.
2. MODE SW
It is necessary to connect an external pull-down resistor with the terminal MODE SW (pin(6)), in case that this
IC doesn't operate normally due to external noise etc.
3. RF GND
This IC has two GND terminals (pin(3): RF GND, pin(16): GND). External parts shown in below should be
connected with RF GND (pin(3)), and other parts should be connected with GND (pin(16)).
By-pass capacitor at pin(14) (FM RF) and pin(15) (TV RF)
By-pass capacitor at pin(4) (FM BY) and pin(2) (TV BY)
The pattern diagram of capacitor connected with pin(2) and pin(4) should be shortly, because RF circuit and MIX
circuit operate on the voltage of pin(2) or pin(4).


Numéro de pièce similaire - TA2030FN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2030FN TOSHIBA-TA2030FN Datasheet
339Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA2030FNG TOSHIBA-TA2030FNG Datasheet
817Kb / 11P
   TV / FM System F / E (1.5V USE)
More results

Description similaire - TA2030FN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2030FNG TOSHIBA-TA2030FNG Datasheet
817Kb / 11P
   TV / FM System F / E (1.5V USE)
TA8182FN TOSHIBA-TA8182FN Datasheet
354Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA2030FN TOSHIBA-TA2030FN Datasheet
339Kb / 10P
   TV/FM SYSTEM F/E (1.5V USE)
TA7765AF TOSHIBA-TA7765AF Datasheet
355Kb / 9P
   AM/FM IF SYSTEM (1.5V USE)
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Toshiba Semiconductor
TA7766AF TOSHIBA-TA7766AF Datasheet
358Kb / 9P
   FM PLL MPX (1.5V USE)
TA7371AF TOSHIBA-TA7371AF Datasheet
269Kb / 7P
   FM FRONT-END (1.5V USE)
TA2029FN TOSHIBA-TA2029FN Datasheet
546Kb / 14P
   FM F/EAM/FM IFPW IC FOR DIGITAL TUNING SYSTEM
TA7757P TOSHIBA-TA7757P Datasheet
607Kb / 9P
   FM/AM IF SYSTEM (3V USE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com