Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2022AFNG Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TA2022AFNG
Description  1.5V AM/FM IF MPX
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2022AFNG Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TA2022AFNG Datasheet HTML 1Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 2Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 3Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 4Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 5Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 6Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 7Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 8Page - Toshiba Semiconductor TA2022AFNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TA2022AFNG
2006-04-11
5
Terminal
Terminal
Voltage (V)
No.
Name
Function
Internal Circuit
AM
FM
14
LOUT
15
ROUT
Output of stereo signal
These terminals are high
impedance in power off
mode.
0.5
0.5
16
LPF1
LPF terminar for phase detector
17
VCO
VCO
The temperature characteristic
of free running frequency is
+350ppm / °C.
Temperature coefficient: SH
1.2
18
LPF2A
LPF terminal for synchronous
detector
19
LPF2B
LPF terminal for synchronous
detector and AM / FM switch
VCC: AM mode
OPEN: FM mode
1.2
21
PILOT IN
Input of FM stereo pilot signal
and AM signal
0.1
0.1


Numéro de pièce similaire - TA2022AFNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2022AFN TOSHIBA-TA2022AFN Datasheet
693Kb / 17P
   1.5V AM/FM IFMPX
More results

Description similaire - TA2022AFNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2022AFN TOSHIBA-TA2022AFN Datasheet
693Kb / 17P
   1.5V AM/FM IFMPX
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
   AM/FM IFMPX
logo
Panasonic Semiconductor
AN7025K PANASONIC-AN7025K Datasheet
386Kb / 6P
   AM Tuner/FM-IF FM MPX
logo
Toshiba Semiconductor
TA7765AF TOSHIBA-TA7765AF Datasheet
355Kb / 9P
   AM/FM IF SYSTEM (1.5V USE)
logo
KEC(Korea Electronics)
KIA2022AFN KEC-KIA2022AFN Datasheet
279Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (1.5V AM/FMMPX)
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
   AM/FM TUNER MPX
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
   AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
   AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
   AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
   AM/FM TUNER MPX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com