Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA2008AN Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TA2008AN
Description  5V AM / FM 1 Chip Tuner IC (for digital tuning system)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2008AN Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TA2008AN_02 Datasheet HTML 5Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 6Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 7Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 8Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 9Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 10Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 11Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 12Page - Toshiba Semiconductor TA2008AN_02 Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TA2008AN
2002-10-30
9
Characteristic
Symbol
Test
Cir
-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Gain
GV
Vin = 26dBµV EMF
20
45
80
mVrms
Recovered output
voltage
VOD
Vin = 60dBµV EMF
45
65
90
mVrms
Signal to noise ratio
S / N
Vin = 60dBµV EMF
42
dB
Total harmonic
distortion
THD
Vin = 60dBµV EMF
1.0
%
Local OSC buffer
output voltage
VOSC
(buff) AM
fOSC = 1.45MHz
90
150
mVrms
IF count output
voltage
VIF (AM)
Vin = 60dBµV EMF, SW8: On,
350
500
mVp-p
IF count output
sensitivity
IF sens (AM)
SW8: On
35
40
45
dBµV
EMF
FM mode
0.75
Pin (17) output resistance
R17
AM mode
15.5
kΩ
Input resistance
RIN
24
kΩ
Output resistance
ROUT
5
kΩ
Max. Composite signal
input voltage
Vin max
(stereo)
L + R = 90%, P = 10%,
SW4: LPF on
fm = 1kHz, THD = 3%
800
mVrms
fm = 100Hz
42
fm = 1kHz
35
42
Separation
Sep.
L + R = 180mVrms
P = 20mVrms
SW4: LPF on
fm = 10kHz
42
dB
Monaural
THD
(monaural)
Vin = 200mVrms
0.1
Total
harmonic
distortion
Stereo
THD
(stereo)
L + R = 180mVrms,
P = 20mVrms, SW4: LPF on,
0.1
%
Voltage gain
GV
Vin = 200mVrms
-2
0
2
dB
Channel balance
C. B.
Vin = 200mVrms
-2
0
2
dB
On
VL (ON)
8
15
Stereo LED
sensitivity
Off
VL (OFF)
Pilot input
2
6
mVrms
Stereo LED hysteresis
VH
To LED turn off from LED
turn on
2
mVrms
Capture range
C. R.
P = 15mVrms
±1.3
%
Signal to noise ratio
S / N
Vin = 200mVrms
80
dB
Muting attenuation
MUTE
Vin = 200mVrms
80
dB


Numéro de pièce similaire - TA2008AN_02

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
More results

Description similaire - TA2008AN_02

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA2008ANG TOSHIBA-TA2008ANG Datasheet
638Kb / 13P
   5V AM / FM 1 Chip Tuner IC (for digital tuning system)
TA2008AN TOSHIBA-TA2008AN Datasheet
422Kb / 12P
   5V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2104BN TOSHIBA-TA2104BN Datasheet
629Kb / 16P
   3V AM/FM 1 CHIP TUNER IC (FOR DIGITAL TUNING SYSTEM)
TA2149BN TOSHIBA-TA2149BN Datasheet
243Kb / 15P
   3 V AM/FM 1 Chip Tuner IC (for Digital Tuning System)
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
   3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
logo
Wuxi Youda electronics ...
YD2149 YOUDA-YD2149 Datasheet
133Kb / 7P
   AM/FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TS7792P TOSHIBA-TS7792P Datasheet
388Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Tiger Electronic Co.,Lt...
TA7792 TGS-TA7792 Datasheet
476Kb / 9P
   AM/FM 1 CHIP TUNER SYSTEM IC (1.5V USE)
logo
Unisonic Technologies
TA8127 UTC-TA8127 Datasheet
144Kb / 8P
   3V AM / FM 1 CHIP TUNER IC
logo
Toshiba Semiconductor
TA2111N TOSHIBA-TA2111N Datasheet
598Kb / 18P
   3V AM/FM 1 CHIP TUNER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com